Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF01-1003M3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF01-1003M3
Description  1 line IPAD, EMI filter and ESD protection in Micro QFN package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF01-1003M3 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF01-1003M3 Datasheet HTML 1Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 2Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 3Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 4Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 5Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 6Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 7Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 8Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EMIF01-1003M3
Characteristics
3/10
Figure 3.
S21 attenuation measurement
(Vbias = 0 V)
dB
100.0k
1.0M
10.0M
100.0M
1.0G
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
I-O
F (Hz)
Figure 4.
ESD response to IEC 61000-4-2
(+15 kV air discharge)
Figure 5.
ESD response to IEC 61000-4-2
(- 15 kV air discharge)
Figure 6.
Line capacitance versus reverse
voltage applied (typical value)
INPUT
OUTPUT
INPUT
OUTPUT
CLINE (pF)
0.00E+00
5.00E+00
1.00E+01
1.50E+01
2.00E+01
2.50E+01
3.00E+01
3.50E+01
01
23
45
V R (V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com