Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5994A Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5994A
Description  ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5994A Datasheet(HTML) 1 Page - STMicroelectronics

  L5994A Datasheet HTML 1Page - STMicroelectronics L5994A Datasheet HTML 2Page - STMicroelectronics L5994A Datasheet HTML 3Page - STMicroelectronics L5994A Datasheet HTML 4Page - STMicroelectronics L5994A Datasheet HTML 5Page - STMicroelectronics L5994A Datasheet HTML 6Page - STMicroelectronics L5994A Datasheet HTML 7Page - STMicroelectronics L5994A Datasheet HTML 8Page - STMicroelectronics L5994A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1/26
L5994
L5994A
April 2002
FEATURE
s
DUAL PWM CONTROLLERS ADJUSTABLE
1.9V to 5.3V(Section1)
1.6V to 3.5V(Section2)
s
AUXILIARY DRIVER FOR LINEAR
REGULATOR
s
CURRENT MODE CONTROL USING A LOW
SENSE RESISTOR
s
DUAL SYNC RECTIFIERS DRIVERS
s
"ONE SHOT" FEATURE (L5994A only)
s
96% EFFICIENCY ACHIEVABLE
s
50
µA@12V STAND BY CONSUMPTION
s
4.75V TO 25V OPERATING SUPPLY VOLTAGE
s
EXCELLENT LOAD TRANSIENT RESPONSE
s
"PULSE SKIPPING" FUNCTION
s
OUTPUT UNDER VOLTAGE SHUTDOWN
s
ADAPTATIVE ANTI SHOOT-THROUGH
CONTROL
s
OVER/UNDER VOLTAGE DETECTION
s
POWER GOOD SIGNALS
s
SEPARATED DISABLE
s
THERMAL SHUTDOWN
APPLICATIONS
s
NOTEBOOK AND SUB NOTEBOOK
COMPUTERS
s
1.8V AND 2.5V I/O SUPPLY
s
WORDPAD
s
INTERNET APPLIANCE
DESCRIPTION
The device provides a dual PWM controller and a
linear driver controller that can support the complete
power management in mobile equipment with high
efficiency.
TQFP32
ORDERING NUMBERS: L5994
L5994A
ADJUSTABLE TRIPLE OUTPUT
POWER SUPPLY CONTROLLER
Figure 1. System Block Diagram
SYNC
POWER
MANAGEMENT
& SYSTEM
SUPERVISOR
5V
to
25V
2.5V
1.8V
POWER
SECTION
L5994
µP
MEMORY
PERIPHERALS
12V LDO
5.1V LDO
3.39V REF
D98IN862
POWER GOOD


Similar Part No. - L5994A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5994 STMICROELECTRONICS-L5994 Datasheet
70Kb / 8P
ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
Sep-1999
More results

Similar Description - L5994A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4992 STMICROELECTRONICS-L4992 Datasheet
296Kb / 26P
TRIPLE OUTPUT POWER SUPPLY CONTROLLER
Jun-2000
L5994 STMICROELECTRONICS-L5994 Datasheet
70Kb / 8P
ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
Sep-1999
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
logo
Motorola, Inc
MC34710 MOTOROLA-MC34710 Datasheet
518Kb / 16P
Adjustable Dual Output Switching Power Supply
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
Triple-Output LCD Power Supply
logo
Astrodyne Corporation
RT-50 ASTRODYNE-RT-50 Datasheet
484Kb / 2P
50W Triple Output Switching Power Supply
RT-65 ASTRODYNE-RT-65 Datasheet
517Kb / 2P
65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
NET-35 MEANWELL-NET-35 Datasheet
403Kb / 2P
35W Triple Output Switching Power Supply
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391_11 Datasheet
654Kb / 20P
High-Efficiency, Triple-Output System Power Supply Controller
April 7, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com