Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5994A Datasheet(PDF) 12 Page - STMicroelectronics

Part # L5994A
Description  ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5994A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L5994A Datasheet HTML 8Page - STMicroelectronics L5994A Datasheet HTML 9Page - STMicroelectronics L5994A Datasheet HTML 10Page - STMicroelectronics L5994A Datasheet HTML 11Page - STMicroelectronics L5994A Datasheet HTML 12Page - STMicroelectronics L5994A Datasheet HTML 13Page - STMicroelectronics L5994A Datasheet HTML 14Page - STMicroelectronics L5994A Datasheet HTML 15Page - STMicroelectronics L5994A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
L5994 - L5994A
12/26
works in order to obtain a voltage on the VFBLIN pin of about 2.5V. In this way, the minimum regulated voltage
is of 2.5V, obtained connecting directly the VFBLIN pin to the output, while the maximum is of about the supply
voltage minus the bipolar PNP VceSAT.
For a correct operation of the regulator, the voltage at pin VDRLIN must not be too low. The flyback connection
of the two windings ensures a well regulated voltage, provided if there is good magnetic coupling. The coupled
inductors configuration, however, is not able to sustain the auxiliary voltage if the main output is lightly loaded:
the secondary voltage drops and the system goes out of regulation.
The additional winding may be implemented with L5994 if the relative section is loaded enough.
To overcome this problem, in L5994A, when the VDRLIN voltage falls below a certain threshold (13.7V ±5%)
because of too light a load on the section 2, the relevant synchronous rectifier is turned on for 1.5
µs max. during
the interval in which the inductor current is zero ("one-shot" feature, see fig. 6). In this way, the inductor current
reverses and draws from the output capacitor energy which is forward transferred to the auxiliary output.
Since that the linear driver is supplied from the VDRLIN pin, if the linear regulator is not necessary for the application,
leave floating this pin implies that the linear driver is not supplied and so no power is wasted (L5994 only).
The linear regulator is active, if at the least one of the two runx signal is asserted
Figure 5. "One Shot" pulse to substain VDRLIN voltage
+5V Linear Regulator and +2.5V Reference Voltage Generator
The 5V low drop-out regulator powers directly the MOSFET drivers and it is externally available through pin
PREG5. A low pass filter is connected between PREG5 pin and SREG5 pin from who all the internal circuitry is
powered. The introduction of this R-C network is useful to minimize noise effects.
The typical external use of this generator is to charge the bootstrap capacitors used to produce the gate-drive
voltage for the high-side MOSFET's of both PWM converters.
At start-up and when the 5V section is not operating, this regulator is powered by the chip input voltage. To re-
duce power consumption, the linear regulator is turned off and the PREG5 pin is internally connected to the 5V
PWM regulator output via V5SW pin, when the 5V PWM regulator is active and its output voltage is above the
switchover threshold, 4.5V. This happens when V5SW pin is connected to the section 1 output regulating 5V.
In any case, if V5SW is above 4.5V, the internal regulator is turned off and PREG5 is powered through this pin.
t
t
t
H1GATE
L1GATE
IL
1.5
µs
t
V13IN
13.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com