Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5994A Datasheet(PDF) 17 Page - STMicroelectronics

Part # L5994A
Description  ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5994A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L5994A Datasheet HTML 13Page - STMicroelectronics L5994A Datasheet HTML 14Page - STMicroelectronics L5994A Datasheet HTML 15Page - STMicroelectronics L5994A Datasheet HTML 16Page - STMicroelectronics L5994A Datasheet HTML 17Page - STMicroelectronics L5994A Datasheet HTML 18Page - STMicroelectronics L5994A Datasheet HTML 19Page - STMicroelectronics L5994A Datasheet HTML 20Page - STMicroelectronics L5994A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
17/26
L5994 - L5994A
Input Capacitors
A pulsed current (with zero average value) flows through the input capacitor of a buck converter. The AC com-
ponent of this current is quite high and dissipates a considerable amount of power on the ESR of the capacitor:
It is easy to find that PCIN has a maximum equal to IOUT/2 (@ VIN=2×VOUT, that is, 50% duty cycle). The
input capacitor of each section, therefore, should be selected for a RMS ripple current rating as high as half the
respective maximum output current. The capacitance value is not very important but in reality a minimum value
must be ensured for stability reasons. In fact, switching regulators exhibit a negative input impedance that, at
low frequencies, is:
thus, if the impedance of the power source is not well below the absolute value of ZIN(DC) at frequencies up to
the bandwidth of the regulator control loop, there is the possibility for oscillations. To ensure stability, the follow-
ing condition must be satisfied:
where LEQ is the inductance of the circuit upstream the switching regulator input and ESRIN is related to the
input capacitor itself.The use of high performance electrolytic capacitors is recommended. If a higher cost is of
no concern, OS-CON capacitors are an excellent choice because they offer the smallest size for a given ESR
or current rating. Tantalum capacitors do not tolerate pulsed current, so their use is not advisable.
Output Capacitors
The output capacitor selection is based on the output voltage ripple requirements. This ripple is related to the
current ripple through the inductor and is almost entirely due to the ESR of the output capacitor. Therefore, the
goal is to achieve an ESR lower than a certain value, regardless of the actual capacitance value.
The maximum current ripple of the +3.3V section is:
∆IL3 = 2 · (IL3PK - IOUT3)
considering the values obtained in the paragraph "+3.3V inductor". As for the +5.1V, the maximum ripple is giv-
en by:
where VIN is VINMIN or VINMAX, as selected in the "+5.1 transformer" section.
Anyhow, the maximum ESR will be:
where the subscript x refers to either section.
In pulse-skipping operation, the capacitive component of the output ripple is comparable to the resistive one,
Pc
IN
ESR I
OUT
2
V
OUT
V
IN
V
OU T
–
()
⋅
V
IN
2
-------------------------------------------------------
⋅⋅
=
Z
IN D C
()
V
IN
2
V
OUT
I
OUT
⋅
--------------------------------
=
C
IN
L
EQ
ESR
IN
Z
IN D C
()
⋅
-----------------------------------------------
»
I
L5
∆η I
OUT 12
V
IN
V
IN
5.1
–
-----------------------
3
4
---
5.1
V
IN
5.1
–
()
⋅
f
SW
L
3P
V
IN
⋅⋅
-----------------------------------------
⋅
+
⋅⋅
=
ESR
X
V
RPKX
I
LX
∆
------------------
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com