Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T212V Datasheet(PDF) 17 Page - STMicroelectronics

Part # M48T212V
Description  3.3V TIMEKEEPER supervisor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T212V Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M48T212V Datasheet HTML 13Page - STMicroelectronics M48T212V Datasheet HTML 14Page - STMicroelectronics M48T212V Datasheet HTML 15Page - STMicroelectronics M48T212V Datasheet HTML 16Page - STMicroelectronics M48T212V Datasheet HTML 17Page - STMicroelectronics M48T212V Datasheet HTML 18Page - STMicroelectronics M48T212V Datasheet HTML 19Page - STMicroelectronics M48T212V Datasheet HTML 20Page - STMicroelectronics M48T212V Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
M48T212V
Clock operation
17/35
3.4
Stopping and starting the oscillator
The oscillator may be stopped at any time. If the device is going to spend a significant
amount of time on the shelf, the oscillator can be turned off to minimize current drain on the
battery. The STOP Bit is located at Bit D7 within the Seconds Register (9h). Setting it to a '1'
stops the oscillator. When reset to a '0,' the M48T212V oscillator starts within one second.
Note:
It is not necessary to set the WRITE Bit when setting or resetting the FREQUENCY TEST
Bit (FT) or the STOP Bit (ST).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com