Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T212V Datasheet(PDF) 22 Page - STMicroelectronics

Part # M48T212V
Description  3.3V TIMEKEEPER supervisor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T212V Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M48T212V Datasheet HTML 18Page - STMicroelectronics M48T212V Datasheet HTML 19Page - STMicroelectronics M48T212V Datasheet HTML 20Page - STMicroelectronics M48T212V Datasheet HTML 21Page - STMicroelectronics M48T212V Datasheet HTML 22Page - STMicroelectronics M48T212V Datasheet HTML 23Page - STMicroelectronics M48T212V Datasheet HTML 24Page - STMicroelectronics M48T212V Datasheet HTML 25Page - STMicroelectronics M48T212V Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Clock operation
M48T212V
22/35
Figure 9.
(RSTIN1 & RSTIN2) timing waveforms
Table 9.
Reset AC characteristics
3.10
Calibrating the clock
The M48T212V is driven by a quartz controlled oscillator with a nominal frequency of 32,768
Hz. The devices are tested not to exceed ±35 ppm (parts per million) oscillator frequency
error at 25°C, which equates to about ±1.53 minutes per month (see Figure 10 on page 24).
When the Calibration circuit is properly employed, accuracy improves to better than +1/–2
ppm at 25°C.
The oscillation rate of crystals changes with temperature. The M48T212V design employs
periodic counter correction. The calibration circuit adds or subtracts counts from the
oscillator divider circuit at the divide by 256 stage, as shown in Figure 11 on page 25. The
number of times pulses which are blanked (subtracted, negative calibration) or split (added,
positive calibration) depends upon the value loaded into the five Calibration bits found in the
Control Register. Adding counts speeds the clock up, subtracting counts slows the clock
down.
The Calibration bits occupy the five lower-order bits (D4-D0) in the Control Register 8h.
These bits can be set to represent any value between 0 and 31 in binary form. Bit D5 is a
Sign Bit; '1' indicates positive calibration, ‘0' indicates negative calibration. Calibration
occurs within a 64 minute cycle. The first 62 minutes in the cycle may, once per minute, have
one second either shortened by 128 or lengthened by 256 oscillator cycles.
If a binary ‘1' is loaded into the register, only the first 2 minutes in the 64 minute cycle will be
modified; if a binary 6 is loaded, the first 12 will be affected, and so on.
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70°C or –40 to 85°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V
(except where noted).
Min
Max
Unit
tR1
(2)
2.
Pulse width less than 50ns will result in no RESET (for noise immunity).
RSTIN1 low to RSTIN1 high
200
ns
tR2
(3)
3.
Pulse width less than 20ms will result in no RESET (for noise immunity).
RSTIN2 low to RSTIN2 high
100
ms
tR1HRH
(4)
4.
CL = 5pF (see Figure 13 on page 27).
RSTIN1 high to RST high
40
200
ms
tR2HRH
(4)
RSTIN2 high to RST high
40
200
ms
AI02642
RSTIN1
RST
RSTIN2
tR1
tR1HRH
tR2
tR2HRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com