Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7505 Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7505
Description  Car radio DSP for advanced signal processing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7505 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7505 Datasheet HTML 27Page - STMicroelectronics TDA7505 Datasheet HTML 28Page - STMicroelectronics TDA7505 Datasheet HTML 29Page - STMicroelectronics TDA7505 Datasheet HTML 30Page - STMicroelectronics TDA7505 Datasheet HTML 31Page - STMicroelectronics TDA7505 Datasheet HTML 32Page - STMicroelectronics TDA7505 Datasheet HTML 33Page - STMicroelectronics TDA7505 Datasheet HTML 34Page - STMicroelectronics TDA7505 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
TDA7505
Functional description
31/38
5.2.7
Debug interface
A multiplexed Debug Port is available for the DSP Cores. The debug logic is contained in the
core design of the DSP. The features of the Debug Port are listed below:
●
Breakpoint Logic
●
Trace Logic
●
Single stepping
●
Instruction Injection
●
Program Disassembly
5.2.8
General purpose input/output
The DSP requires a set of external general purpose input/output lines, and a reset line.
These signals are used by external devices to signal events to the DSP. The GPIO lines are
implemented as DSP 's peripherals. The GPIO lines are grouped in Port A, connected to
DSP 0, and Port B, connected to DSP1.
5.2.9
Asynchronous sample rate converter
The ASRC, embedded in the device, offers a fully digital stereo asynchronous sample rate
conversion of digital audio sources to the device's internal sample frequency. This solves the
problem of mixing audio sources with different sample rates.
The ASRC is able to do both up- and down-sampling. There is no need to explicitly program
the input and output sample rates, as the ASRC solves this problem with an automatic
Digital Ratio Locked Loop.
In case of down sampling, an internal low pass filter limits the bandwidth. Thus any down
folding products are avoided.
The ASRC is intended for applications up to 20 bit input word width. Digital Audio Sources
can be applied in general Serial Audio Interface format (3 wires) as well as in AES/EBU, IEC
958, S/PDIF and EIAJ CP-340 format (1 wire).
An interface to the DSP core offers the possibility of interrupt controlled sample delivery.
Furthermore, a programmable Control/Status Register inside the ASRC allows a great
variety of adjustments and status information.
The ASRC is intended for applications
–
up to 20 bit input and 24 bit output word width,
–
32kHz to 96kHz sample rate for input signal (SPDIF Receiver features)
–
32kHz to 48kHz sample rate for output signal.
5.2.10
SINCOS co-processor
The SINCOS is a cordic-based co-processor for calculation of sine and cosine without using
DSP resources.
5.2.11
PLL clock oscillator
The PLL Clock Oscillator can accept an external clock at CLKIN or it can be configured to
run with an internal oscillator when a crystal is connected across pins XTI & XTO. There is
an input divide block IDF (1 -> 32) at the XTI clock input and a multiply block MF (9 -> 128)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com