Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7505 Datasheet(PDF) 34 Page - STMicroelectronics

Part # TDA7505
Description  Car radio DSP for advanced signal processing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7505 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TDA7505 Datasheet HTML 30Page - STMicroelectronics TDA7505 Datasheet HTML 31Page - STMicroelectronics TDA7505 Datasheet HTML 32Page - STMicroelectronics TDA7505 Datasheet HTML 33Page - STMicroelectronics TDA7505 Datasheet HTML 34Page - STMicroelectronics TDA7505 Datasheet HTML 35Page - STMicroelectronics TDA7505 Datasheet HTML 36Page - STMicroelectronics TDA7505 Datasheet HTML 37Page - STMicroelectronics TDA7505 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Software features
TDA7505
34/38
6
Software features
A great flexibility is guaranteed by the two programmable DSP cores. A list of the main
software functions, which can be implemented in the TDA7505, is enclosed hereafter:
6.1
AM/FM base band signal processing
●
FM weak signal processing
●
Integrated 19 kHz Pilot tone filter
●
De-emphasis
●
Stereo blend
●
Variable high cut
●
Flexible noise cancellation
●
Flexible multipath detector
●
Asynchronous demodulation allows the usage of any sample rate
6.2
Generic audio signal processing
●
Loudness
●
Bass, treble, fader control
●
Volume control
●
Distortion Limiting
●
Premium Equalization
●
Soft mute
6.3
TAPE signal processing
●
Dolby B Noise Reduction
●
Automatic Music Search
6.4
CD signal processing
●
Dynamic Range Compression
6.5
Audiophile
●
Parametric Equalization
●
Crossover
●
Channel Delays
●
Center Channel Imaging Output
●
Audio Noise Reduction
6.6
Audio decompression
●
MP3 including C3 block decoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com