Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7540N Datasheet(PDF) 66 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 66 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 62Page - STMicroelectronics TDA7540N Datasheet HTML 63Page - STMicroelectronics TDA7540N Datasheet HTML 64Page - STMicroelectronics TDA7540N Datasheet HTML 65Page - STMicroelectronics TDA7540N Datasheet HTML 66Page - STMicroelectronics TDA7540N Datasheet HTML 67Page - STMicroelectronics TDA7540N Datasheet HTML 68Page - STMicroelectronics TDA7540N Datasheet HTML 69Page - STMicroelectronics TDA7540N Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
Appendix
TDA7540N
66/76
Block diagram quality detection principle (without overdeviation correction)
Table 52.
Block diagram quality detection principle
Signal
Low
High
ac
No adjacent channel
Adjacent channel present
ac+
No strong adjacent channel
Adjacent channel higher as ac
sm
Fieldstrength higher as softmute threshold
Fieldstrength lower as softmute threshold
dev
Deviation lower as threshold DWTH
Deviation higher as threshold DWTH
dev+
Deviation lower as threshold DTH*DWTH
Deviation higher as threshold DTH*DWTH
inton
ISS filter off by logic (wide)
ISS filter on by logic
int80
ISS filter 120kHz (mid)
ISS filter 80kHz (narrow)
Table 53.
Functional mode quality detection
Input signals
Mode1
Mode2
ac
ac+
sm
dev
dev+
inton
int80
Function
inton
int80
Function
0
000
0
0
0
wide
0
0
wide
0
001
0
0
0
wide
0
0
wide
0
001
1
0
0
wide
0
0
wide
0
0
1
0
0
1
1
narrow
1
1
narrow
0
011
0
0
0
wide
1
0
mid
0
011
1
0
0
wide
0
0
wide
1
000
0
1
1
narrow
1
0
mid
1
1
0
0
0
1
1
narrow
1
1
narrow
1
001
0
1
0
mid
1
0
mid
1
101
1
1
0
mid
1
1
narrow
1
0
1
0
0
1
1
narrow
1
1
narrow
1
1
1
0
0
1
1
narrow
1
1
narrow
1
011
0
1
0
mid
1
0
mid
1
111
0
1
0
mid
1
1
narrow
1
011
1
1
0
mid
1
0
mid
1
111
1
1
0
mid
1
1
narrow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com