Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7540N Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 16Page - STMicroelectronics TDA7540N Datasheet HTML 17Page - STMicroelectronics TDA7540N Datasheet HTML 18Page - STMicroelectronics TDA7540N Datasheet HTML 19Page - STMicroelectronics TDA7540N Datasheet HTML 20Page - STMicroelectronics TDA7540N Datasheet HTML 21Page - STMicroelectronics TDA7540N Datasheet HTML 22Page - STMicroelectronics TDA7540N Datasheet HTML 23Page - STMicroelectronics TDA7540N Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
Electrical specifications
TDA7540N
20/76
Vpuafs
Pull up voltage for AFS pin
3.1
3.3
3.5
V
Rpuafs
Pull up resistor for AFS pin
25
k
Ω
VTH1
1. threshold for AFS PIN
2.2
2.4
2.6
V
VTH2
2. threshold for AFS PIN
0.6
0.8
1.0
V
Mono/stereo-switch
VPTHST1
Pilot threshold voltage
for Mono->Stereo, PTH = 1
6
10
15
mVrms
VPTHST0
Pilot threshold voltage
for Mono->Stereo, PTH = 0
10
14
19
mVrms
VPTHMO1
Pilot threshold voltage
for Stereo->Mono, PTH = 1
4
8
12
mVrms
VPTHMO0
Pilot threshold voltage
for Stereo->Mono, PTH = 0
7
12
16
mVrms
19kHz PLL
flock
PLL lock range
Pilot magnitude
20 mVrms = 4%
18.9
19.1
kHz
DP
Pilot deviation
Pilot frequency 19kHz
4
30
%
Deemphasis- and highcut
tHC50
Deemphasis time constant
DEEMP = 0, DESFT = 1
VLEVEL >> VHCH
50
μs
tHC75
Deemphasis time constant
DEEMP = 1, DESFT = 1
VLEVEL >> VHCH
75
μs
tHC25
Deemphasis time constant
DEEMP = 0, DESFT = 0
VLEVEL >> VHCH
25
μs
tHC37
Deemphasis time constant
DEEMP = 1, DESFT = 0
VLEVEL >> VHCH
37.5
μs
tHC50
Highcut time constant
DEEMP = 0, DESFT = 1
VLEVEL << VHCL
150
μs
tHC75
Highcut time constant
DEEMP= 1, DESFT = 1
VLEVEL << VHCL
225
μs
FAMCMin
Min. AM corner frequency
DEEMP = 0, DESFT = 1
AMCF
1.06
kHz
FAMCMin
Max. AM corner frequency
DEEMP = 0, DESFT = 1
AMCF
3.18
kHz
Stereoblend- and highcut-control
LGmin
Min. level gain
LG
-0.5
0
0.5
dB
LGmax
Max. level gain
LG
4.0
4.7
5.2
dB
LGstep
Level gain step resolution
LG
0.4
0.67
0.9
dB
Table 8.
Stereodecoder electrical characteristics (continued)
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 = 8.5V,
VMPX = 500mVrms mono, f = 1kHz, deemphasis = 50µs, fXtal = 10.25MHz, in application
circuit, unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com