Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7540N Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 4Page - STMicroelectronics TDA7540N Datasheet HTML 5Page - STMicroelectronics TDA7540N Datasheet HTML 6Page - STMicroelectronics TDA7540N Datasheet HTML 7Page - STMicroelectronics TDA7540N Datasheet HTML 8Page - STMicroelectronics TDA7540N Datasheet HTML 9Page - STMicroelectronics TDA7540N Datasheet HTML 10Page - STMicroelectronics TDA7540N Datasheet HTML 11Page - STMicroelectronics TDA7540N Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
Pins description and connection diagrams
TDA7540N
8/76
2
Pins description and connection diagrams
2.1
LQFP80 pins connection diagram
Figure 2.
LQFP80 pins connection (top view)
2.2
Pin description
1
2
3
5
6
4
7
8
9
10
31
11
32 33 34 35 36
75 74 73 72
70
71
69 68 67 66 65
55
54
53
51
50
52
60
59
58
56
57
AMRFAGCOUT
AMMIX1REF
AMMIX1IN
TEST1
MIX1 OUT1
DEVTC
FMMIX1IN2
GNDRF
FMMIX1IN1
AMPINDR
FMPINDR
AMIF2REF
AMIF2BPF
MPXOUT
VCCSTEREO
MPXIN
AFS
VREF1
AMIF2IN
MPXW
FMREFDEMC
GNDDEM
D06AU1653
26 27 28 29 30
76
77
78
79
80
21 22 23 24 25
49
48
46
45
47
MUTETC
MPTC
QUALYOUT
FSWO
GNDSTEREO
12
13
14
15
16
FMAGCTC
S1
ISSSTATUS
TV1
TV2
64 63 62 61
37 38 39 40
44
42
41
43
VCC1
R
GNDVCC1
L
17
18
19
20
VCCVCO
VCOE
VCOB
S2
Table 2.
Pin description
Pin #
Pin name
Function
1
MIX1OUT1
Mixer tank 10.7MHz
2
TEST1
Testing I/O pin
3
DEVTC
Deviation detector time constant
4
AMMIX1IN
AM mixer1 input
5
AMMIX1REF
AM mixer1 reference
6
AMRFAGCOUT
Output AM RF AGC
7
AMPINDR
AM pin diode driver output
8
FMPINDR
FM pin diode driver output
9
FMMIX1IN1
FM mixer1 input1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com