Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7580 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM digital IF sampling processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7580 Datasheet HTML 1Page - STMicroelectronics TDA7580 Datasheet HTML 2Page - STMicroelectronics TDA7580 Datasheet HTML 3Page - STMicroelectronics TDA7580 Datasheet HTML 4Page - STMicroelectronics TDA7580 Datasheet HTML 5Page - STMicroelectronics TDA7580 Datasheet HTML 6Page - STMicroelectronics TDA7580 Datasheet HTML 7Page - STMicroelectronics TDA7580 Datasheet HTML 8Page - STMicroelectronics TDA7580 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
March 2007
Rev 5
1/39
1
TDA7580
FM/AM digital IF sampling processor
Features
FM/AM IF sampling DSP
ON-CHIP analogue to digital converter for
10.7MHz IF signal conversion
FM channel equalization
FM adjacent channel suppression
Reception enhancement in multipath condition
Stereo decoder and weak signal processing
2 Channel serial audio interface (SAI) with
sample rate converter
I2C and buffer SPI control interfaces
RDS filter, demodulator & decoder
Inter processor transport interface for antenna
and tuner diversity
Front-end AGC feedback
Description
The TDA7580 is an integrated circuit
implementing an advanced mixed analogue and
digital solution, to perform the signal processing
of an AM/FM channel. The HW & SW architecture
has been devised to perform a digital equalization
of the FM/AM channel, and a real rejection of
adjacent channels and any other signals,
interfering with the listening of the desired station.
In severe multiple path conditions, the reception is
improved to get high quality audio.
LQFP64
Table 1.
Device summary
Part number
Package
Packing
TDA7580
LQFP64
Tube
TDA758013TR
LQFP64
Tape and reel
www.st.com


Similar Part No. - TDA7580

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7580 STMICROELECTRONICS-TDA7580 Datasheet
450Kb / 31P
FM/AM DIGITAL IF SAMPLING PROCESSOR
Jul-2002
More results

Similar Description - TDA7580

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7500 STMICROELECTRONICS-TDA7500 Datasheet
153Kb / 14P
DIGITAL AM/FM SIGNAL PROCESSOR
Sep-1999
TDA7580 STMICROELECTRONICS-TDA7580 Datasheet
450Kb / 31P
FM/AM DIGITAL IF SAMPLING PROCESSOR
Jul-2002
logo
Toshiba Semiconductor
TA8186P TOSHIBA-TA8186P Datasheet
274Kb / 8P
AM/FM IFMPX
logo
Unisonic Technologies
UTCTA7640AP UTC-UTCTA7640AP Datasheet
43Kb / 3P
AM/FM IF PROCESSOR
logo
TOKO, Inc
TK10930 TOKO-TK10930 Datasheet
937Kb / 4P
AM/FM IF DETECTOR
logo
Panasonic Semiconductor
AN7222N PANASONIC-AN7222N Datasheet
307Kb / 5P
AM Tuner, FM-AM IF Amplifier
logo
Texas Instruments
SN761631 TI-SN761631 Datasheet
630Kb / 26P
RF FRONT END FOR AM/FM IF SAMPLING RADIO
logo
STMicroelectronics
STA3005 STMICROELECTRONICS-STA3005 Datasheet
152Kb / 5P
Dual-IF AM/FM digital radio receiver
28-Jun-2006
TDA7500A STMICROELECTRONICS-TDA7500A Datasheet
367Kb / 40P
DIGITAL AM/FM SIGNAL PROCESSOR
Dec-2001
logo
Sanyo Semicon Device
LA1201 SANYO-LA1201 Datasheet
402Kb / 10P
FM/AM IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com