Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7580 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM digital IF sampling processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 6Page - STMicroelectronics TDA7580 Datasheet HTML 7Page - STMicroelectronics TDA7580 Datasheet HTML 8Page - STMicroelectronics TDA7580 Datasheet HTML 9Page - STMicroelectronics TDA7580 Datasheet HTML 10Page - STMicroelectronics TDA7580 Datasheet HTML 11Page - STMicroelectronics TDA7580 Datasheet HTML 12Page - STMicroelectronics TDA7580 Datasheet HTML 13Page - STMicroelectronics TDA7580 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Block diagram and electrical specifications
TDA7580
10/39
7
GNDSD
G
IFADC modulator analogue ground
Clean ground, to be star
connected to voltage
regulator ground
8
GNDOSC
G
Oscillator ground
Clean ground, to be star
connected to voltage
regulator ground
9XTI
I
High impedance oscillator input (quartz
connection) or clock input when in
Antenna Diversity slave mode
Maximum voltage swing
is VDD=3.3V
10
XTO
O
Low impedance oscillator output (quartz
connection)
11
VDDOSC
P
Oscillator power supply
3.3V
12
VDDMTR
P
Tuner reference clock and AGC keying
DAC power supply
1.8V
13
CKREFP
B
Tuner reference clock positive output.
FM 100kHz
AMEU 18kHz
With internal pull-up, on
at reset [PP]
Output
14
CKREFN
B
Tuner reference clock negative output.
FM 100kHz
AMEU 18kHz
With internal pull-up, on
at reset [PP]
Output
15
AGCKEY
A
DAC output for Tuner AGC keying
1.5kohm ±30% output
impedance. 1Vpp ±1%
output dynamic range
16
GNDMTR
G
Ground of the tuner reference clock buffer
and the AGC keying DAC
17
PROTSEL_SS
B
DSP0 GPIO for control serial interface
(low: SPI or high: I2C) selection at device
Bootstrap.
In SPI protocol mode, after boot
procedure, SPI slave select, otherwise
DSP0 GPIO0
DSP0 GPIO0
5V tolerant
With internal pull-up, on
at reset [PP]
Input
18
SDA_MOSI
B
Control serial interface and RDS IO:
- SPI mode: slave data in or master data
out for main SPI & RDS SPI data in
- I2C mode: data for main I2C or RDS I2C
5V tolerant
With internal pull-up, on
at reset [PP]
Input
19
MISO
B
SPI slave data out or master data in for
main SPI and RDS SPI data out
DSP0 GPIO1
5V tolerant. With
internal pull-up, on at
reset [PP]
Input
20
SCL_SCK
B
Bit clock for Control Serial Interface and
RDS
5V tolerant. With
internal pull-up, on at
reset [PP]
Input
Table 5.
Pin description (continued)
N°
Name
Type
Description
Notes
After
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com