Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7580 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM digital IF sampling processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 24Page - STMicroelectronics TDA7580 Datasheet HTML 25Page - STMicroelectronics TDA7580 Datasheet HTML 26Page - STMicroelectronics TDA7580 Datasheet HTML 27Page - STMicroelectronics TDA7580 Datasheet HTML 28Page - STMicroelectronics TDA7580 Datasheet HTML 29Page - STMicroelectronics TDA7580 Datasheet HTML 30Page - STMicroelectronics TDA7580 Datasheet HTML 31Page - STMicroelectronics TDA7580 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Functional description
TDA7580
28/39
8
Functional description
The TDA7580 IC offers a solution for high performance FM/AM car radio receivers. The high
processing power allows audio processing of both internal and external audio source.
The processing engine is based on a 24bit programmable DSP, with separate banks of
program and data RAMs. A number of hardware modules (peripherals) help in the algorithm
implementation of channel equalization and FM/AM baseband post processing.
The HW architecture allows to perform dual tuner diversity. In this case two TDA7580 are
needed: one device must be configurated as master, generates the clock and controls the
main data interfaces. The second device becomes the slave and converts the second IF
path, as well as helps the first chip as co-processor.
8.1
24 bit DSP core
Some capabilities of the DSP are listed below:
Single cycle multiply and accumulate with convergent rounding and condition code
generation
24 x 24 to 56-bit MAC Unit
Double precision multiply
Scaling and saturation arithmetic
48-bit or 2 x 24-bit parallel moves
64 interrupt vector locations
Fast or long interrupts possible
Programmable interrupt priorities and masking
Repeat instruction and zero overhead DO loops
Hardware stack capable of nesting combinations of 7 DO loops or 15 interrupts /
subroutines
Bit manipulation instructions possible on all registers and memory locations, also jump
on bit test
4 pin serial debug interface
Debug access to all internal registers, buses and memory locations
5 word deep program address history FIFO
Hardware and software breakpoints for both program and data memory accesses
Debug single stepping, instruction injection and disassembly of program memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com