Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4962IQT Datasheet(PDF) 37 Page - STMicroelectronics

Part # TS4962IQT
Description  2.8W filter-free mono class D audio power amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962IQT Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TS4962IQT Datasheet HTML 33Page - STMicroelectronics TS4962IQT Datasheet HTML 34Page - STMicroelectronics TS4962IQT Datasheet HTML 35Page - STMicroelectronics TS4962IQT Datasheet HTML 36Page - STMicroelectronics TS4962IQT Datasheet HTML 37Page - STMicroelectronics TS4962IQT Datasheet HTML 38Page - STMicroelectronics TS4962IQT Datasheet HTML 39Page - STMicroelectronics TS4962IQT Datasheet HTML 40Page - STMicroelectronics TS4962IQT Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
TS4962
Application information
37/46
Figure 63.
Method for shorting pertubations to ground
In the case where the distance between the TS4962 output and the speaker terminals is
high, it's possible to have low frequency EMI issues due to the fact that the typical operating
frequency is 250kHz. In this configuration, we recommend using an output filter (as
represented in Figure 1: Typical application schematics on page 8). It should be placed as
close as possible to the device.
4.11
Several examples with summed inputs
Example 1: Dual differential inputs
Figure 64.
Typical application schematic with dual differential inputs
With (Ri in kΩ):
Ferrite chip bead
about 100pF
Gnd
From TS4962 output
To speaker
R1
R1
Cs
1u
GND
GND
Vcc
SPEAKER
Standby
R2
R2
E1+
E1-
E2-
E2+
In-
Stdby
In+
Out-
Out+
Vcc
1
4
3
7
8
6
5
GND
Internal
Bias
PWM
Output
Bridge
H
Oscillator
150k
150k
+
-
A
V
1
Out
+
Out
-
–
E
1
+
E
1
-
–
-------------------------------
300
R
1
----------
==
A
V
2
Out
+
Out
-
–
E
2
+
E
2
-
–
-------------------------------
300
R
2
----------
==
0.5V
V
CC
R
1
×
R
2
300
V
IC1
R
2
V
IC2
+
×
R
1
×
()
×
+
×
300
R
1
R
2
+
() 2R
1
×
R
2
×
+
×
--------------------------------------------------------------------------------------------------------------------------------
V
CC
0.8V
–
≤≤
V
IC
1
E
1
+
E
1
-
+
2
------------------------
=
and V
IC
2
E
2
+
E
2
-
+
2
------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com