Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4962IQT Datasheet(PDF) 38 Page - STMicroelectronics

Part # TS4962IQT
Description  2.8W filter-free mono class D audio power amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962IQT Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TS4962IQT Datasheet HTML 34Page - STMicroelectronics TS4962IQT Datasheet HTML 35Page - STMicroelectronics TS4962IQT Datasheet HTML 36Page - STMicroelectronics TS4962IQT Datasheet HTML 37Page - STMicroelectronics TS4962IQT Datasheet HTML 38Page - STMicroelectronics TS4962IQT Datasheet HTML 39Page - STMicroelectronics TS4962IQT Datasheet HTML 40Page - STMicroelectronics TS4962IQT Datasheet HTML 41Page - STMicroelectronics TS4962IQT Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
Application information
TS4962
38/46
Example 2: One differential input plus one single ended input
Figure 65.
Typical application schematic with one differential input plus one single-
ended input
With (Ri in kΩ) :
R1
R2
Cs
1u
GND
GND
Vcc
SPEAKER
Standby
R2
R1
E1+
E2-
E2+
C1
C1
GND
In-
Stdby
In+
Out-
Out+
Vcc
1
4
3
7
8
6
5
GND
Internal
Bias
PWM
Output
Bridge
H
Oscillator
150k
150k
+
-
A
V
1
Out
+
Out
-
–
E
1
+
-------------------------------
300
R
1
----------
==
A
V
2
Out
+
Out
-
–
E
2
+
E
2
-
–
-------------------------------
300
R
2
----------
==
C
1
1
2
π R
1
×
F
CL
×
--------------------------------------
(F)
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com