Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4962IQT Datasheet(PDF) 41 Page - STMicroelectronics

Part # TS4962IQT
Description  2.8W filter-free mono class D audio power amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962IQT Datasheet(HTML) 41 Page - STMicroelectronics

Back Button TS4962IQT Datasheet HTML 37Page - STMicroelectronics TS4962IQT Datasheet HTML 38Page - STMicroelectronics TS4962IQT Datasheet HTML 39Page - STMicroelectronics TS4962IQT Datasheet HTML 40Page - STMicroelectronics TS4962IQT Datasheet HTML 41Page - STMicroelectronics TS4962IQT Datasheet HTML 42Page - STMicroelectronics TS4962IQT Datasheet HTML 43Page - STMicroelectronics TS4962IQT Datasheet HTML 44Page - STMicroelectronics TS4962IQT Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
TS4962
Recommended footprint
41/46
6
Recommended footprint
Figure 70.
Recommended footprint for TS4962 DFN package
1.4mm
1.8mm
0.8mm
0.35mm
0.65mm
2.2mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com