Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCC08 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STCC08
Description  AC switch failure mode detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC08 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STCC08 Datasheet HTML 4Page - STMicroelectronics STCC08 Datasheet HTML 5Page - STMicroelectronics STCC08 Datasheet HTML 6Page - STMicroelectronics STCC08 Datasheet HTML 7Page - STMicroelectronics STCC08 Datasheet HTML 8Page - STMicroelectronics STCC08 Datasheet HTML 9Page - STMicroelectronics STCC08 Datasheet HTML 10Page - STMicroelectronics STCC08 Datasheet HTML 11Page - STMicroelectronics STCC08 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Application information
STCC08
8/13
3
Application information
Figure 5.
Application example with an MCU direct drive + ACS
The placement of a 100 nF capacitor between VCC and GND close to the STCC08 is
advised. SW is an electromechanical switch that is part of the application design, for
example, the water sensor in a washing machine.
3.1
Recommendations
The STCC08 is designed for 5 and 10 mA ACSs, ACSTs and TRIACs.
STCC08 basic application
The microcontroller reads the AC switch state from the AVF output of the STCC08. The
microcontroller can power-off the application driving a front-end relay.
Figure 6.
Non-insulated application
AVF
V
CC
GND
R
IG
AC
IN
G
POWER SWITCH
SIGNAL SHAPING
AVF DRIVER
GATE DRIVER
+
-
MCU
3.3V to 5V
V
CC
V
CC
AVF
GND
LOAD
LINE
NEUTRAL
ACS
AVF
V
CC
GND
R
IG
AC
IN
G
POWER SWITCH
SIGNAL SHAPING
AVF DRIVER
GATE DRIVER
+
-
MCU
3.3V to 5V
V
CC
V
CC
AVF
GND
LOAD
NEUTRAL
SAFETY TURN OFF
ACS
LINE
FRONT END RELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com