Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCC08 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STCC08
Description  AC switch failure mode detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC08 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STCC08 Datasheet HTML 5Page - STMicroelectronics STCC08 Datasheet HTML 6Page - STMicroelectronics STCC08 Datasheet HTML 7Page - STMicroelectronics STCC08 Datasheet HTML 8Page - STMicroelectronics STCC08 Datasheet HTML 9Page - STMicroelectronics STCC08 Datasheet HTML 10Page - STMicroelectronics STCC08 Datasheet HTML 11Page - STMicroelectronics STCC08 Datasheet HTML 12Page - STMicroelectronics STCC08 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
STCC08
Package information
11/13
4
Package information
●
Epoxy meets UL94, V0
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at
www.st.com.
Table 10.
SO-8 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
A1
0.1
0.25
0.004
0.010
A2
1.25
0.049
b
0.28
0.48
0.011
0.019
C
0.17
0.23
0.007
0.009
D
4.80
4.90
5.00
0.189 0.193 0.197
E
5.80
6.00
6.20
0.228 0.236 0.244
E1
3.80
3.90
4.00
0.150 0.154 0.157
e
1.27
0.050
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
L1
1.04
0.041
k
0°8°
0°8°
ppp
0.10
0.004
Figure 10.
Footprint dimensions
in mm(inches)
Figure 11.
Marking
E1
D
8
4
1
5
E
e
A
A2
b
A1
ppp C
C
k
h x 45°
L
L1
Seating
Plane
C
6.8
(0.268)
4.2
(0.165)
1.27
(0.050)
0.6
(0.024)
â
XXXXX : Marking
ZZ : Manufacturing location
Y : Year
WW : week
z z y w w
x x x x x x
Pin 1
â
XXXXX : Marking
ZZ : Manufacturing location
Y : Year
WW : week
z
z z
z y
y w
w w
w
x
x x
x x
x x
x x
x x
x
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com