Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCC08 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCC08
Description  AC switch failure mode detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC08 Datasheet(HTML) 1 Page - STMicroelectronics

  STCC08 Datasheet HTML 1Page - STMicroelectronics STCC08 Datasheet HTML 2Page - STMicroelectronics STCC08 Datasheet HTML 3Page - STMicroelectronics STCC08 Datasheet HTML 4Page - STMicroelectronics STCC08 Datasheet HTML 5Page - STMicroelectronics STCC08 Datasheet HTML 6Page - STMicroelectronics STCC08 Datasheet HTML 7Page - STMicroelectronics STCC08 Datasheet HTML 8Page - STMicroelectronics STCC08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
March 2008
Rev 1
1/13
13
STCC08
AC switch failure mode detector
Features
■ 3.3 V and 5 V power supply compatible
■ ACS, ACST, TRIAC compatible
■ Gate driver output: 28 mA max sink current
■ Adjustable gate drive current
■ Sense the AC switch voltage in both AC line
polarities
■ Diode mode failure detection for solid state AC
switches
■ Short circuit failure detection for AC switches,
relays, electromechanical switches
■ Open AC switch detection for AC switches,
relays, electromechanical switches
■ SO-8 SMD package
Benefits
■ Enable appliances to meet IEC 60335-1 and
IEC 60730-1 standards
■ Enable appliances to meet IEC 61000-4-4
standard
■ Eliminates high DC current in inductive load, by
detecting the diode mode failure
■ Improve system safety monitoring open switch
failure with critical loads such as door locks
■ Enable MCU to sense all AC switch failure
modes and protect the appliance
■ Less MCU pin allocated to AC failure detection
multiple STCC08 designed with resistor
dividers uses one I/O
■ Easy to drive with MCU directly connected or
through an opto coupler
■ Highly compact with integrated solution in SMD
version
Applications
■ Home appliances
■ ACS, ACST, TRIAC drive
■ AC switch failure modes detection
■ Zero voltage synchronization
Description
The STCC08 is an AC switch failure mode
detector and an AC power switch driver. It drives
the AC switch and informs the MCU of switch
failure. The MCU takes the appropriate actions to
put the system in a secure state.
Diode-mode, short circuit detection and open
switch in both AC line polarities are detected.
The STCC08 helps home appliances to meet the
IEC 60335-1 safety standard.
The STCC08 can be easily interfaced to an MCU
with its CMOS input AC switch driver and CMOS
compatible output for the failure mode detector.
SO-8
www.st.com


Similar Part No. - STCC08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCC02-E STMICROELECTRONICS-STCC02-E Datasheet
251Kb / 13P
CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
05-Dec-2004
STCC02-ED5 STMICROELECTRONICS-STCC02-ED5 Datasheet
251Kb / 13P
CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
05-Dec-2004
STCC05-B STMICROELECTRONICS-STCC05-B Datasheet
226Kb / 13P
HOME APPLIANCE CONTROL CIRCUIT
05-Oct-2004
STCC05-BD4 STMICROELECTRONICS-STCC05-BD4 Datasheet
226Kb / 13P
HOME APPLIANCE CONTROL CIRCUIT
05-Oct-2004
More results

Similar Description - STCC08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6684 MAXIM-MAX6684 Datasheet
168Kb / 7P
Fan-Failure Detector with Integrated Power Switch
Rev 0; 1/02
logo
Microchip Technology
TC670 MICROCHIP-TC670 Datasheet
469Kb / 12P
Tiny Predictive Fan Failure Detector
2002
TC670 MICROCHIP-TC670_03 Datasheet
342Kb / 14P
Tiny Predictive Fan Failure Detector
2003
logo
ALPS ELECTRIC CO.,LTD.
SSCN110101 ALPS-SSCN110101 Datasheet
129Kb / 2P
Detector Switch
SSCUL10200 ALPS-SSCUL10200 Datasheet
266Kb / 2P
Detector Switch
SSCW110101 ALPS-SSCW110101 Datasheet
125Kb / 2P
Detector Switch
logo
Microchip Technology
TC670 MICROCHIP-TC670_13 Datasheet
259Kb / 14P
Tiny Predictive Fan Failure Detector
11/29/12
logo
SHINMEI ELECTRIC CO., L...
SSS-52 SHINMEI-SSS-52 Datasheet
76Kb / 3P
Detector Switch
SSS-57-1 SHINMEI-SSS-57-1 Datasheet
444Kb / 2P
Detector Switch
SSS-62 SHINMEI-SSS-62 Datasheet
72Kb / 3P
Detector Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com