Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X66TAY Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM8AP5X66TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X66TAY Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM8AP5X66TAY Datasheet HTML 49Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 50Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 51Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 52Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 53Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 54Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 55Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 56Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 100 page
background image
STM8AF61xx, STM8AF51xx
Option bytes
53/100
OPT12
TMU_KEY 4 [7:0]: Temporary unprotection key 4
Temporary unprotection key: Must be different from 00h or FFh
OPT13
TMU_KEY 5 [7:0]: Temporary unprotection key 5
Temporary unprotection key: Must be different from 00h or FFh
OPT14
TMU_KEY 6 [7:0]: Temporary unprotection key 6
Temporary unprotection key: Must be different from 00h or FFh
OPT15
TMU_KEY 7 [7:0]: Temporary unprotection key 7
Temporary unprotection key: Must be different from 00h or FFh
OPT16
TMU_MAXATT [7:0]: TMU access failure counter
Every unsuccessful trial to enter the temporary unprotection procedure
increments the counter. More than eight unsuccessful trials trigger the
global erase of the code and data memory.
OPT17
BL_EN [7:0]: Bootloader enable
If this optionbyte is set to 55h (complementary value AAh) the bootloader
program is activated also in case of a programmed code memory
(for more details, see the bootloader user manual, UM0500).
Table 13.
Option byte description (continued)
Option byte no.
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com