Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X66TAY Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM8AP5X66TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X66TAY Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM8AP5X66TAY Datasheet HTML 53Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 54Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 55Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 56Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 57Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 58Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 59Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 60Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 100 page
background image
STM8AF61xx, STM8AF51xx
Electrical characteristics
57/100
11.3
Operating conditions
Figure 10.
fCPUmax versus VDD
Table 17.
General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fCPU
Internal CPU clock frequency
TA ≤105 °C
0
24
MHz
TA > 105 °C
0
16
VDD/VDD_IO Standard operating voltage
3.0
5.5
V
TA
Ambient temperature
Suffix A
-40
85
°C
Suffix B
-40
105
°C
Suffix C
-40
125
°C
Suffix D
-40
145
°C
TJ
Junction temperature range
A suffix version
-40
90
°C
B suffix version
-40
110
°C
C suffix version
-40
130
°C
D suffix version
-40
150
°C
fCPU [MHz]
Supply voltage [V]
24
12
8
4
0
3.0
4.0
5.0
Functionality
Functionality
guaranteed
@ TA -40 to 125 ¬×
not guaranteed
in this area
16
5.5
Functionality guaranteed
@ TA -40 to 105 ¬×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com