Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X66TAY Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM8AP5X66TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X66TAY Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM8AP5X66TAY Datasheet HTML 35Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 36Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 37Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 38Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 39Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 40Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 41Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 42Page - STMicroelectronics STM8AP5X66TAY Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
STM8AF61xx, STM8AF51xx
Register mapping
39/100
00 50C3h
CLK
CLK_CMSR
Clock master status register
E1h
00 50C4h
CLK_SWR
Clock master switch register
E1h
00 50C5h
CLK_SWCR
Clock switch control register
xxxx
0000b
00 50C6h
CLK_CKDIVR
Clock divider register
18h
00 50C7h
CLK_PCKENR1
Peripheral clock gating register 1
FFh
00 50C8h
CLK_CSSR
Clock security system register
00h
00 50C9h
CLK_CCOR
Configurable clock control register
00h
00 50CAh
CLK_PCKENR2
Peripheral clock gating register 2
FFh
00 50CBh
CLK_CANCCR
CAN clock control register
00h
00 50CCh
CLK_HSITRIMR
HSI clock calibration trimming register
xxh
00 50CDh
CLK_SWIMCCR
SWIM clock control register
x0h
00 50CEh
to
00 50D0h
Reserved area (3 bytes)
00 50D1h
WWDG
WWDG_CR
WWDG control register
7Fh
00 50D2h
WWDG_WR
WWDR window register
7Fh
00 50D3h
to
00 50DFh
Reserved area (13 bytes)
00 50E0h
IWDG
IWDG_KR
IWDG key register
-
00 50E1h
IWDG_PR
IWDG prescaler register
00h
00 50E2h
IWDG_RLR
IWDG reload register
FFh
00 50E3h
to
00 50EFh
Reserved area (13 bytes)
00 50F0h
AWU
AWU_CSR1
AWU control/status register 1
00h
00 50F1h
AWU_APR
AWU asynchronous prescaler buffer
register
3Fh
00 50F2h
AWU_TBR
AWU timebase selection register
00h
00 50F3h
BEEP
BEEP_CSR
BEEP control/status register
1Fh
00 50F4h
to
00 50FFh
Reserved area (12 bytes)
Table 10.
STM8A general hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com