Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X47TAY Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM8AP5X47TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X47TAY Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM8AP5X47TAY Datasheet HTML 13Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 14Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 15Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 16Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 17Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 18Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 19Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 20Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 100 page
background image
STM8AF61xx, STM8AF51xx
Product overview
17/100
5.6.2
Internal 16 MHz RC oscillator
●
Default clock after reset 2 MHz (16 MHz/8)
●
Wake-up time: < 2 µs
User trimming
The register CLK_HSITRIMR with two trimming bits plus one additional bit for the sign permits
frequency tuning to a precision of 1% by the application program. The trimming step
granularity is 1.5 %.
The adjustment range covers all possible frequency variations versus supply voltage and
temperature. This trimming does not change the initial production setting.
5.6.3
Internal 128 kHz RC oscillator
The frequency of this clock is 128 kHz and it is independent from the main clock. It drives
the watchdog or the AWU wake-up timer.
In systems which do not need independent clock sources for the watchdog counters, the
128 kHz signal can be used as the system clock. This configuration has to be enabled by
setting an option byte (OPT3, LSI_EN).
5.6.4
Internal high-speed crystal oscillator
The internal high-speed crystal oscillator delivers the main clock in normal run mode. It
operates with quartz crystals and ceramic resonators.
●
Frequency range: 1 to 24 MHz
●
Crystal oscillation mode: Preferred fundamental
●
I/Os: Standard I/O pins multiplexed with OSCIN, OSCOUT
Optionally, an external clock signal can be injected into the OSCIN input pin.
5.6.5
External clock input
The external clock signal is applied to the OSCIN input pin of the crystal oscillator. The
frequency range is 0 to 24 MHz.
5.6.6
Clock security system (CSS)
The clock security system protects against a system stall in case of an external crystal clock
failure.
In case of a clock failure an interrupt is generated and the high speed internal clock (HSI) is
automatically selected with a frequency of 2 MHz (16 MHz/8). This function can be enabled
using the CSS register (CLK_CSSR).
The CSS operates by detecting when the external clock signal (crystal or external clock)
falls below 500 kHz. With active CSS this is the minimum operating frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com