Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X47TAY Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM8AP5X47TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X47TAY Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM8AP5X47TAY Datasheet HTML 34Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 35Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 36Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 37Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 38Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 39Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 40Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 41Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 100 page
background image
Register mapping
STM8AF61xx, STM8AF51xx
38/100
Table 10.
STM8A general hardware register map
Address
Block
Register label
Register name
Reset
status
00 5050h
to
00 5059h
Reserved area (10 bytes)
00 505Ah
Flash
FLASH_CR1
Flash control register 1
00h
00 505Bh
FLASH_CR2
Flash control register 2
00h
00 505Ch
FLASH_NCR2
Flash complementary control register 2
FFh
00 505Dh
FLASH _FPR
Flash protection register
00h
00 505Eh
FLASH _NFPR
Flash complementary protection register
FFh
00 505Fh
FLASH _IAPSR
Flash in-application programming status
register
00h
00 5060h
to
00 5061h
Reserved area (2 bytes)
00 5062h
Flash
FLASH _PUKR
Flash program memory unprotection
register
00h
00 5063h
Reserved area (1 byte)
00 5064h
Flash
FLASH _DUKR
Data EEPROM unprotection register
00h
00 5065h
to
00 509Fh
Reserved area (59 bytes)
00 50A0h
ITC
EXTI_CR1
External interrupt control register 1
00h
00 50A1h
EXTI_CR2
External interrupt control register 2
00h
00 50A2h
to
00 50B2h
Reserved area (17 bytes)
00 50B3h
RST
RST_SR
Reset status register
xxh
00 50B4h
to
00 50BFh
Reserved area (12 bytes)
00 50C0h
CLK
CLK_ICKR
Internal clock control register
01h
00 50C1h
CLK_ECKR
External clock control register
00h
00 50C2h
Reserved area (1 byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com