Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X47TAY Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM8AP5X47TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X47TAY Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM8AP5X47TAY Datasheet HTML 17Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 18Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 19Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 20Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 21Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 22Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 23Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 24Page - STMicroelectronics STM8AP5X47TAY Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
STM8AF61xx, STM8AF51xx
Product overview
21/100
Full duplex, asynchronous communication
●
NRZ standard format (mark/space)
●
High-precision baud rate generator system
–
Common programmable transmit and receive baud rates up to 2.5 M baud
●
Programmable data word length (8 or 9 bits)
●
Configurable stop bits providing support for 1 or 2 stop bits
●
LIN master mode
–
LIN break and delimiter generation
–
LIN break and delimiter detection with separate flag and interrupt source for read-
back checking
●
Transmitter clock output for synchronous communication
●
Single wire half duplex communication
●
Separate enable bits for transmitter and receiver
●
Transfer detection flags
–
Receive buffer full
–
Transmit buffer empty
–
End of transmission flags
●
Parity control:
–
Transmit parity bit
–
Check parity of received data byte
●
Four error detection flags
–
Overrun error
–
Noise error
–Frame error
–
Parity error
●
Six interrupt sources with flags
–
Transmit data register empty
–
Transmission complete
–
Receive data register full
–
Idle line received
–
Parity error
–
LIN break and delimiter detection
●
Two interrupt vectors
–
Transmitter interrupt
–
Receiver interrupt
●
Reduced power consumption mode
●
Multi-processor communication, allowing entry into mute mode if address match does
not occur
●
Wakeup from mute mode (by idle line detection or address mark detection)
●
Two receiver wakeup modes:
–
Address bit (MSB)
–
Idle line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com