Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M87C257 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M87C257
Description  Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M87C257 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M87C257_06 Datasheet HTML 4Page - STMicroelectronics M87C257_06 Datasheet HTML 5Page - STMicroelectronics M87C257_06 Datasheet HTML 6Page - STMicroelectronics M87C257_06 Datasheet HTML 7Page - STMicroelectronics M87C257_06 Datasheet HTML 8Page - STMicroelectronics M87C257_06 Datasheet HTML 9Page - STMicroelectronics M87C257_06 Datasheet HTML 10Page - STMicroelectronics M87C257_06 Datasheet HTML 11Page - STMicroelectronics M87C257_06 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Device operation
M87C257
8/22
2.4
System considerations
The power switching characteristics of Advance CMOS EPROMs require careful decoupling
of the devices. The supply current, ICC, has three segments that are of interest to the system
designer: the standby current level, the active current level, and transient current peaks that
are produced by the falling and rising edges of E. The magnitude of this transient current
peaks is dependent on the capacitive and inductive loading of the device at the output. The
associated transient voltage peaks can be suppressed by complying with the two line output
control and by properly selected decoupling capacitors. It is recommended that a 0.1µF
ceramic capacitor be used on every device between VCC and VSS. This should be a high
frequency capacitor of low inherent inductance and should be placed as close to the device
as possible. In addition, a 4.7µF bulk electrolytic capacitor should be used between VCC and
VSS for every eight devices. The bulk capacitor should be located near the power supply
connection point. The purpose of the bulk capacitor is to overcome the voltage drop caused
by the inductive effects of PCB traces.
2.5
Programming
When delivered (and after each erasure for UV EPROM), all bits of the M87C257 are in the
'1' state. Data is introduced by selectively programming '0's into the desired bit locations.
Although only '0's will be programmed, both '1's and '0's can be present in the data word.
The only way to change a '0' to a '1' is by die exposition to ultraviolet light (UV EPROM). The
M87C257 is in the programming mode when VPP input is at 12.75V, G is at VIH and E is
pulsed to VIL. The data to be programmed is applied to 8 bits in parallel to the data output
pins. The levels required for the address and data inputs are TTL. VCC is specified to be
6.25 V ± 0.25 V.
2.6
PRESTO II programming algorithm
PRESTO II Programming Algorithm allows to program the whole array with a guaranteed
margin, in a typical time of 3.5 seconds. Programming with PRESTO II involves the
application of a sequence of 100µs program pulses to each byte until a correct verify occurs
(see Figure 4). During programming and verify operation, a MARGIN MODE circuit is
automatically activated in order to guarantee that each cell is programmed with enough
margin. No overprogram pulse is applied since the verify in MARGIN MODE provides
necessary margin to each programmed cell.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com