Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M87C257 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M87C257
Description  Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M87C257 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M87C257_06 Datasheet HTML 8Page - STMicroelectronics M87C257_06 Datasheet HTML 9Page - STMicroelectronics M87C257_06 Datasheet HTML 10Page - STMicroelectronics M87C257_06 Datasheet HTML 11Page - STMicroelectronics M87C257_06 Datasheet HTML 12Page - STMicroelectronics M87C257_06 Datasheet HTML 13Page - STMicroelectronics M87C257_06 Datasheet HTML 14Page - STMicroelectronics M87C257_06 Datasheet HTML 15Page - STMicroelectronics M87C257_06 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
DC and AC parameters
M87C257
12/22
4
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC Characteristic tables that
follow are derived from tests performed under the Measurement Conditions summarized in
the relevant tables. Designers should check that the operating conditions in their circuit
match the measurement conditions when relying on the quoted parameters.
Figure 5.
AC testing input output waveform
Figure 6.
AC testing load circuit
Table 5.
AC measurement conditions
High Speed
Standard
Input Rise and Fall Times
≤10ns
≤20ns
Input Pulse Voltages
0 to 3V
0.4V to 2.4V
Input and Output Timing Ref. Voltages
1.5V
0.8V and 2V
AI01822
3V
High Speed
0V
1.5V
2.4V
Standard
0.4V
2.0V
0.8V
AI01823B
1.3V
OUT
CL
CL = 30pF for High Speed
CL = 100pF for Standard
CL includes JIG capacitance
3.3k
Ω
1N914
DEVICE
UNDER
TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com