Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M87C257 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M87C257
Description  Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M87C257 Datasheet(HTML) 1 Page - STMicroelectronics

  M87C257_06 Datasheet HTML 1Page - STMicroelectronics M87C257_06 Datasheet HTML 2Page - STMicroelectronics M87C257_06 Datasheet HTML 3Page - STMicroelectronics M87C257_06 Datasheet HTML 4Page - STMicroelectronics M87C257_06 Datasheet HTML 5Page - STMicroelectronics M87C257_06 Datasheet HTML 6Page - STMicroelectronics M87C257_06 Datasheet HTML 7Page - STMicroelectronics M87C257_06 Datasheet HTML 8Page - STMicroelectronics M87C257_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
May 2006
Rev 2
1/9
1
M87C257
Address Latched
256 Kbit (32Kb x8) UV EPROM and OTP EPROM
Feature summary
■
5V ± 10% supply voltage in Read operation
■
Integrated address latch
■
Access time: 45ns
■
Low power consumption:
– Active Current 30mA
– Standby Current 100µA
■
Programming voltage: 12.75V ± 0.25V
■
Programming times of around 3s
■
Electronic signature
– Manufacturer Code: 20h
– Device Code: 80h
■
ECOPACK® packages available
1
28
FDIP28W (F)
PLCC32 (C)
www.st.com


Similar Part No. - M87C257_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M87C257-10C1TR STMICROELECTRONICS-M87C257-10C1TR Datasheet
143Kb / 13P
ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
Jun-1996
M87C257-10C1X STMICROELECTRONICS-M87C257-10C1X Datasheet
143Kb / 13P
ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
Jun-1996
M87C257-10C3TR STMICROELECTRONICS-M87C257-10C3TR Datasheet
143Kb / 13P
ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
Jun-1996
M87C257-10C3X STMICROELECTRONICS-M87C257-10C3X Datasheet
143Kb / 13P
ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
Jun-1996
M87C257-10C6TR STMICROELECTRONICS-M87C257-10C6TR Datasheet
143Kb / 13P
ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
Jun-1996
More results

Similar Description - M87C257_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C256B STMICROELECTRONICS-M27C256B Datasheet
113Kb / 16P
256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
29-Aug-2002
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
512 Kbit 64Kb x8 UV EPROM and OTP EPROM
08-Nov-2004
M27V256 STMICROELECTRONICS-M27V256 Datasheet
103Kb / 15P
256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM
M27W256 STMICROELECTRONICS-M27W256 Datasheet
101Kb / 15P
256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM
Mar-2000
M87C257 STMICROELECTRONICS-M87C257 Datasheet
143Kb / 13P
ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
Jun-1996
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
512 Kbit (64K x8) UV EPROM and OTP EPROM
08-Nov-2004
M27C256B STMICROELECTRONICS-M27C256B_06 Datasheet
197Kb / 24P
256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
18-May-2006
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
64 Kbit (8Kb x8) UV EPROM and OTP EPROM
06-Apr-2006
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
512 Kbit (64K x8) UV EPROM and OTP EPROM
18-May-2007
M27C256B-12F1 STMICROELECTRONICS-M27C256B-12F1 Datasheet
203Kb / 24P
256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
18-May-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com