Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6600 Datasheet(PDF) 28 Page - STMicroelectronics

Part # PM6600
Description  6-row 32 mA LED driver with boost regulator for LCD panel backlight
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6600 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button PM6600 Datasheet HTML 24Page - STMicroelectronics PM6600 Datasheet HTML 25Page - STMicroelectronics PM6600 Datasheet HTML 26Page - STMicroelectronics PM6600 Datasheet HTML 27Page - STMicroelectronics PM6600 Datasheet HTML 28Page - STMicroelectronics PM6600 Datasheet HTML 29Page - STMicroelectronics PM6600 Datasheet HTML 30Page - STMicroelectronics PM6600 Datasheet HTML 31Page - STMicroelectronics PM6600 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
Operation description
PM6600
28/43
Equation 7
Once the output capacitor has been chosen, the RCOMP can be calculated as:
Equation 8
Where GM = 2.7 S and gEA = 375 µS.
The CCOMP capacitor is determined to place the frequency of the compensation zero 5
times lower than the loop bandwidth:
Equation 9
Where fZ = fU / 5.
The close loop gain function (GLOOP) is thus given by equation 10:
Equation 10
A simple technique to optimize different applications is to replace RCOMP with a 20kΩ
trimmer and adjust its value to properly damp the output transient response. Insufficient
damping will result in excessive ringing at the output and poor phase margin. Figures 5a and
5b give an example of compensation adjustment for a typical application.
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
⋅
⋅
π
=
∆
MAX
_
IN
MIN
_
IN
U
OUT
OUT
V
V
1
C
f
2
I
V
M
g
G
C
f
2
R
EA
M
U
COMP
⋅
⋅
⋅
⋅
π
=
COMP
Z
COMP
R
f
2
1
C
⋅
⋅
π
=
sRC
1
R
M
L
s
1
RM
sC
1
R
g
G
G
2
COMP
COMP
EA
M
LOOP
+
−
⋅
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
⋅
⋅
=
Figure 47.
Poor phase margin (a) and properly damped (b) load transient responses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com