Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6600 Datasheet(PDF) 29 Page - STMicroelectronics

Part # PM6600
Description  6-row 32 mA LED driver with boost regulator for LCD panel backlight
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6600 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button PM6600 Datasheet HTML 25Page - STMicroelectronics PM6600 Datasheet HTML 26Page - STMicroelectronics PM6600 Datasheet HTML 27Page - STMicroelectronics PM6600 Datasheet HTML 28Page - STMicroelectronics PM6600 Datasheet HTML 29Page - STMicroelectronics PM6600 Datasheet HTML 30Page - STMicroelectronics PM6600 Datasheet HTML 31Page - STMicroelectronics PM6600 Datasheet HTML 32Page - STMicroelectronics PM6600 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
PM6600
Operation description
29/43
Figure 48.
Load transient response measurement set-up
7.4.2
Slope compensation
The Constant Frequency, Peak Current-Mode topology has the advantage of very easy loop
compensation with output ceramic capacitors (reduced cost and size of the application) and
fast transient response. In addition, the intrinsic peak-current measurement simplifies the
current limit protection, avoiding undesired saturation of the inductor.
On the other side, this topology has a drawback: there is inherent open loop instability when
operating with a duty-ratio greater than 0.5. This phenomenon is known as "Sub-Harmonic
Instability" and can be avoided by adding an external ramp to the one coming from the
sensed current. This compensating technique, based on the additional ramp, is called
"Slope Compensation". In figure 11, where the switching duty-cycle is higher than 0.5, the
small perturbation
∆IL dies away in subsequent cycles thanks to the slope compensation
and the system reverts to a stable situation.
Figure 49.
Main loop and current loop diagram
ROW1
ROW2
ROW3
ROW4
ROW5
ROW6
LDO5
BILIM
RILIM
SS
SGND
VIN= 6V
VBST=30÷36V
IN
C
COMP
+5V
Up to 10 WLEDs per row
PM6600
6.8
μH
4.7
μF
MLCC
50mA
500Hz
RL =
VBST
VIN
0.4V
PWM
Minimum voltage drop
selector
COMP
LX
ROWx
SGND
RILIM
g
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com