Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6600 Datasheet(PDF) 35 Page - STMicroelectronics

Part # PM6600
Description  6-row 32 mA LED driver with boost regulator for LCD panel backlight
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6600 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button PM6600 Datasheet HTML 31Page - STMicroelectronics PM6600 Datasheet HTML 32Page - STMicroelectronics PM6600 Datasheet HTML 33Page - STMicroelectronics PM6600 Datasheet HTML 34Page - STMicroelectronics PM6600 Datasheet HTML 35Page - STMicroelectronics PM6600 Datasheet HTML 36Page - STMicroelectronics PM6600 Datasheet HTML 37Page - STMicroelectronics PM6600 Datasheet HTML 38Page - STMicroelectronics PM6600 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
PM6600
Backlight driver section
35/43
Equation 18
Due to the spread of the LEDs' forward voltage, the total drop across the LED's strings will
be different. The device will manage the unconnected ROWs according to the MODE pin
setting (see Table 3).
8.2
PWM dimming
The brightness control of the LEDs is performed by a Pulse-Width Modulation of the ROWs
current. When a PWM signal is applied to the DIM pin, the current generators are turned on
and off mirroring the DIM pin behavior. Actually, the minimum dimming duty-cycle depends
on the dimming frequency. The real limit to the PWM dimming is the minimum on-time that
can be managed for the current generators; this minimum on-time is approximately 500 ns.
Thus, the minimum dimming duty-cycle depends on the dimming frequency according to the
following formula:
Equation 19
For example, at a dimming frequency of 20 kHz, 1% of dimming duty-cycle can be
managed.
The device can manage the condition fDIM = 0 Hz. However, in order to avoid any flickering
issue due to the human eye cutoff frequency, we recommend to use fDIM > 100 Hz (condition
verified with discrete smd leds without any ligth guide).
During the off-phase of the PWM signal the boost converter is paused, the current
generators are turned off and the output voltage is frozen across the output capacitor.
During the start-up sequence the dimming duty-cycle is forced to 100 % to detect floating
ROWs regardless of the applied dimming signal.
6
I
I
%
2
I
I
I
I
%
2
I
I
I
I
ROWi
6
1
i
mean
_
ROW
mean
_
ROW
mean
_
ROW
min
_
ROW
min
,
ROWx
mean
_
ROW
mean
_
ROW
max
_
ROW
max
,
ROWx
=
∑
=
−
≥
−
=
∆
+
≤
−
=
∆
DIM
min
,
DIM
f
ns
500
D
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com