Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6600TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # PM6600TR
Description  6-row 32 mA LED driver with boost regulator for LCD panel backlight
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6600TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button PM6600TR Datasheet HTML 19Page - STMicroelectronics PM6600TR Datasheet HTML 20Page - STMicroelectronics PM6600TR Datasheet HTML 21Page - STMicroelectronics PM6600TR Datasheet HTML 22Page - STMicroelectronics PM6600TR Datasheet HTML 23Page - STMicroelectronics PM6600TR Datasheet HTML 24Page - STMicroelectronics PM6600TR Datasheet HTML 25Page - STMicroelectronics PM6600TR Datasheet HTML 26Page - STMicroelectronics PM6600TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
PM6600
Operation description
23/43
7
Operation description
7.1
Boost section
7.1.1
Functional description
The PM6600 is a monolithic LEDs driver for the backlight of LCD panels and it consists of a
boost converter and six PWM-dimmable current generators.
The input voltage range is from 4.7 V up to 28 V.
The boost section is based on a constant switching frequency, Peak Current-Mode
architecture. The boost output voltage is controlled such that the lowest ROWs' voltage,
referred to SGND, is equal to an internal reference voltage (400 mV typ.).
In addition, the PM6600 has an internal LDO that supplies the internal circuitry of the device
and is capable to deliver up to 40 mA. The input of the LDO is the VIN pin. The LDO5 pin is
the LDO output and the supply for the power-MOSFET driver at the same time. The AVCC
pin is the supply for the analog circuitry and should be connected to the LDO output through
a simple RC filter, in order to improve the noise rejection.
Figure 43.
AVCC filtering
Two loops are involved in regulating the current sunk by the generators.
The main loop is related to the boost regulator and uses a constant frequency Peak Current-
Mode architecture (see Figure 49), while an internal current loop regulates the same current
at each ROW according to the set value (RILIM pin).
A dedicated circuit automatically selects the lowest voltage drop among all the ROWs and
provides this voltage the main loop that, in turn, regulates the output voltage. In fact, once
the reference generator has been detected, the error amplifier compares its voltage drop to
the internal reference voltage and varies the COMP output. The voltage at the COMP pin
determines the inductor peak current at each switching cycle. The output voltage of the
boost regulator is thus determined by the total forward voltage of the LEDs strings:
Equation 1
VIN
LDO5
AVCC
SGND
PM6600
Cavcc
100n
Rfilt
4R7
LDO
mV
400
)
V
(
max
V
j
,
F
m
1
j
N
1
i
OUT
LEDS
ROWS
+
=
Σ
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com