Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6600TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # PM6600TR
Description  6-row 32 mA LED driver with boost regulator for LCD panel backlight
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6600TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PM6600TR Datasheet HTML 21Page - STMicroelectronics PM6600TR Datasheet HTML 22Page - STMicroelectronics PM6600TR Datasheet HTML 23Page - STMicroelectronics PM6600TR Datasheet HTML 24Page - STMicroelectronics PM6600TR Datasheet HTML 25Page - STMicroelectronics PM6600TR Datasheet HTML 26Page - STMicroelectronics PM6600TR Datasheet HTML 27Page - STMicroelectronics PM6600TR Datasheet HTML 28Page - STMicroelectronics PM6600TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
PM6600
Operation description
25/43
Figure 44.
OVP threshold setting
7.3
Switching frequency selection and synchronization
The switching frequency of the boost converter can be set in the 200 kHz-1 MHz range by
connecting the FSW pin to ground through a resistor. Calculation of the setting resistor is
made using equation 3 and should not exceed the 80 k
Ω-400 kΩ range.
Equation 4
In addition, when the FSW pin is tied to AVCC, the PM6600 uses a default 660 kHz fixed
switching frequency, allowing to save a resistor in minimum components-count applications.
Figure 45.
Multiple device synchronization
The FSW pin can also be used as a synchronization input, allowing the PM6600 to operate
both as master or slave device. If a clock signal with a 210 kHz minimum frequency is
applied to this pin, the device locks synchronized (300 mV threshold). An Internal timeout
allows synchronization as long as the external clock frequency is greater than 210 kHz.
Keeping the FSW pin voltage lower than 300 mV for more than 1/210 kHz
≈ 5 µs results in
the device turn off. Normal operation is resumed as soon as FSW rises above the
mentioned threshold and the Soft-Start sequence is repeated.
LX
OVSEL
SGND
PM6600
VOUT
VIN
R1
R2
C10
COUT
C13
5
.
2
f
R
SW
FSW =
SYNC
SGND
PM6600
AVCC
RFSW
FSW
SYNC
SGND
PM6600
SLAVE
FSW
MASTER
Sync Out
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com