Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6600TR Datasheet(PDF) 33 Page - STMicroelectronics

Part # PM6600TR
Description  6-row 32 mA LED driver with boost regulator for LCD panel backlight
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6600TR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button PM6600TR Datasheet HTML 29Page - STMicroelectronics PM6600TR Datasheet HTML 30Page - STMicroelectronics PM6600TR Datasheet HTML 31Page - STMicroelectronics PM6600TR Datasheet HTML 32Page - STMicroelectronics PM6600TR Datasheet HTML 33Page - STMicroelectronics PM6600TR Datasheet HTML 34Page - STMicroelectronics PM6600TR Datasheet HTML 35Page - STMicroelectronics PM6600TR Datasheet HTML 36Page - STMicroelectronics PM6600TR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
PM6600
Operation description
33/43
7.7
Enable function
The PM6600 is enabled by the EN pin. This pin is active high and, when forced to SGND,
the device is turned off. This pin is connected to a permanently active 2
µA current source;
when sudden device turn-on at power-up is required, this pin must be left floating or
connected to a delay capacitor. When turned off, the PM6600 quickly discharges the Soft-
Start capacitor and turns off the power-MOSFET, the current generators and the LDO. The
power consumption is thus reduced to 20
µA only.
The proper startup sequence is DIM ' VIN ' EN, or VIN ' DIM ' EN. If the dimming signal is
applied after the EN pin, the device will not perform the soft start again, in fact it will start
switching with the maximum current limit in order to recover the output voltage.
In applications where the dimming signal is used to turn on and off the device, the EN pin
can be connected to the DIM pin as shown in Figure 52.
Figure 52.
fDIM enabling schematic
7.8
Thermal protection
In order to avoid damage due to high junction temperature, a thermal shutdown protection is
implemented. When the junction temperature rises above 150 °C (typ.), the device turns off
both the control logic and the boost converter and holds the FAULT pin low.
In order to turn on the device again, it is possible to perform a POR (Power On Reset) once
the junction temperature has been reduced by 30 °C.
DIM
EN
SGND
PM6600
220k
100n
BAS69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com