Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6670S Datasheet(PDF) 12 Page - STMicroelectronics

Part # PM6670S
Description  Complete DDR2/3 memory power supply controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670S Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PM6670S Datasheet HTML 8Page - STMicroelectronics PM6670S Datasheet HTML 9Page - STMicroelectronics PM6670S Datasheet HTML 10Page - STMicroelectronics PM6670S Datasheet HTML 11Page - STMicroelectronics PM6670S Datasheet HTML 12Page - STMicroelectronics PM6670S Datasheet HTML 13Page - STMicroelectronics PM6670S Datasheet HTML 14Page - STMicroelectronics PM6670S Datasheet HTML 15Page - STMicroelectronics PM6670S Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
Electrical characteristics
PM6670S
12/53
Symbol
Parameter
Test condition
Values
Unit
Min
Typ
Max
IVTT,CL
LDO source current limit
VVTT < 1.10*( VVSNS /2)
2
2.3
3
A
VVTT > 1.10*( VVSNS /2)
1
1.15
1.4
LDO sink current limit
VVTT > 0.90*( VVSNS /2)
-3
-2.3
-2
VVTT < 0.90*( VVSNS /2)
-1.4
-1.15
-1
VTTREF section
VVTTREF
VTTREF output voltage
IVTTREF = 0 A, VVSNS = 1.8 V
0.9
V
VTTREF output voltage
accuracy respect to VSNS/2
-15 mA < IVTTREF < 15 mA,
VVSNS = 1.8 V
-2
2
%
IVTTREF VTTREF current limit
VTTREF= 0 or VSNS
±40
mA
Power management section
S3,S5
Turn OFF level
0.4
V
Turn ON level
1.6
VMODE
MODE pin high level
threshold
VAVCC
-0.7
MODE pin low level
threshold
VAVCC -
1.3
VDDRSEL
DDRSEL pin high level
threshold
VAVCC
-0.8
DDRSEL pin middle level
window
1.0
VAVCC -
1.5
DDRSEL pin low level
threshold
0.5
VDSCG
DSCG pin high level
threshold
VAVCC
-0.8
DSCG pin middle level
window
1.0
2.0
DSCG pin low level
threshold
0.5
IIN,LEAK Logic inputs leakage current
S3, S5 = 5 V
10
µA
IIN3,LEAK
Multilevel inputs leakage
current
MODE, DDRSEL and
DSCG = 5 V
10
IOSC,
LEAK
VOSC input leakage current
VOSC = 500 mV
1
Thermal shutdown
TSHDN
Shutdown temperature (2)
150
°C
1.
TA = TJ. All parameters at operating temperature extremes are guaranteed by design and statistical analysis (not
production tested)
2.
Guaranteed by design. Not production tested.
Table 6.
Electrical characteristics (continued)
TA = 0 °C to 85 °C , VCC = AVCC = +5 V and LDOIN connected to VDDQ output if not
otherwise specified. (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com