Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6670S Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM6670S
Description  Complete DDR2/3 memory power supply controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670S Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM6670S Datasheet HTML 17Page - STMicroelectronics PM6670S Datasheet HTML 18Page - STMicroelectronics PM6670S Datasheet HTML 19Page - STMicroelectronics PM6670S Datasheet HTML 20Page - STMicroelectronics PM6670S Datasheet HTML 21Page - STMicroelectronics PM6670S Datasheet HTML 22Page - STMicroelectronics PM6670S Datasheet HTML 23Page - STMicroelectronics PM6670S Datasheet HTML 24Page - STMicroelectronics PM6670S Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
PM6670S
Device description
21/53
The duty-cycle of the buck converter is, in steady-state conditions, given by
Equation 2
The switching frequency is thus calculated as
Equation 3
where
Equation 4a
Equation 4b
Referring to the typical application schematic (figures on cover page and Figure 29), the
final expression is then:
Equation 5
Even if the switching frequency is theoretically independent from battery and output
voltages, parasitic parameters involved in power path (like MOSFETs' on-resistance and
inductor's DCR) introduce voltage drops responsible for slight dependence on load current.
In addition, the internal delay is due to a small dependence on input voltage. The PM6670S
switching frequency can be set by an external divider connected to the VOSC pin.
Figure 29.
Switching frequency selection and VOSC pin
The voltage seen at this pin must be greater than 0.8 V and lower than 2 V in order to
ensure the system's linearity.
D
V
OUT
V
IN
--------------
=
OSC
OUT
OSC
OSC
SNS
OSC
IN
OUT
ON
SW
K
1
V
V
K
V
V
T
D
f
α
α
=
=
=
α
OSC
V
OSC
V
IN
---------------
=
α
OUT
V
SNS
V
OUT
--------------
=
OSC
2
1
2
OSC
OSC
SW
K
1
R
R
R
K
f
+
=
α
=
PM6670
VOSC
R1
R2
VIN
PM6670S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com