Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6670S Datasheet(PDF) 24 Page - STMicroelectronics

Part # PM6670S
Description  Complete DDR2/3 memory power supply controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670S Datasheet(HTML) 24 Page - STMicroelectronics

Back Button PM6670S Datasheet HTML 20Page - STMicroelectronics PM6670S Datasheet HTML 21Page - STMicroelectronics PM6670S Datasheet HTML 22Page - STMicroelectronics PM6670S Datasheet HTML 23Page - STMicroelectronics PM6670S Datasheet HTML 24Page - STMicroelectronics PM6670S Datasheet HTML 25Page - STMicroelectronics PM6670S Datasheet HTML 26Page - STMicroelectronics PM6670S Datasheet HTML 27Page - STMicroelectronics PM6670S Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
Device description
PM6670S
24/53
The design of the external feedback network depends on the output voltage ripple. If the
ripple is higher than approximately 20 mV, the correct CINT capacitor is usually enough to
keep the loop stable. The stability of the system depends firstly on the output capacitor zero
frequency.
The following condition must be satisfied:
Equation 6
where k is a fixed design parameter (k > 3). It determines the minimum integrator capacitor
value:
Equation 7
where gm = 50
µs is the integrator trans conductance.
In order to ensure stability it must be also verified that:
Equation 8
If the ripple on the COMP pin is greater than the integrator 150 mV, the auxiliary capacitor
CFILT can be added. If q is the desired attenuation factor of the output ripple, CFILT is given
by:
Equation 9
In order to reduce the noise on the COMP pin, it is possible to add a resistor RINT that,
together with CINT and CFILT, becomes a low pass filter. The cutoff frequency fCUT must be
much greater (10 or more times) than the switching frequency:
Equation 10
If the ripple is very small (lower than approximately 20 mV), a different compensation
network, called "Virtual-ESR" Network, is needed. This additional circuit generates a
triangular ripple that is added to the output voltage ripple at the input of the integrator. The
complete control scheme is shown in Figure 32.
ESR
C
2
k
f
k
f
out
Zout
SW
⋅
⋅
π
=
⋅
>
Vout
Vr
f
k
f
2
g
C
Zout
SW
m
INT
⋅
⎟
⎠
⎞
⎜
⎝
⎛
−
⋅
π
>
OUT
Zout
m
INT
V
Vr
f
2
g
C
⋅
⋅
π
>
q
)
q
1
(
C
C
INT
FILT
−
⋅
=
FILT
INT
FILT
INT
CUT
INT
C
C
C
C
f
2
1
R
+
⋅
⋅
⋅
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com