Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6685TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # PM6685TR
Description  Dual step-down main supply controller with auxilary voltages for notebook system power
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685TR Datasheet(HTML) 1 Page - STMicroelectronics

  PM6685TR Datasheet HTML 1Page - STMicroelectronics PM6685TR Datasheet HTML 2Page - STMicroelectronics PM6685TR Datasheet HTML 3Page - STMicroelectronics PM6685TR Datasheet HTML 4Page - STMicroelectronics PM6685TR Datasheet HTML 5Page - STMicroelectronics PM6685TR Datasheet HTML 6Page - STMicroelectronics PM6685TR Datasheet HTML 7Page - STMicroelectronics PM6685TR Datasheet HTML 8Page - STMicroelectronics PM6685TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
October 2007
Rev 7
1/52
52
PM6685
Dual step-down main supply controller
with auxilary voltages for notebook system power
Features
■ 6V to 28V input voltage range
■ Fixed 5V - 3.3V output voltages
■ 5V and 3.3V voltage always available to deliver
100mA of peak current
■ 1.237V ±1% reference voltage available
■ Lossless current sensing using low side
■ MOSFETs' RDS(on)
■ Negative current limit
■ Soft-start internally fixed at 2ms
■ Soft output discharge
■ Latched OVP and UVP
■ Selectable pulse skipping at light loads
■ Selectable minimum frequency (33kHz) in
pulse skip mode
■ 4mW maximum quiescent power
■ Independent power good signals
■ Output voltage ripple compensation
Applications
■ Notebook computers
■ Tablet PC or slates
■ Mobile system power supply
■ 3 and -4 Cells Li+ battery-powered devices
Description
PM6685 is a dual step-down controller specifically
designed to provide extremely high efficiency
conversion with loss-less current sensing
technique. The constant on-time architecture
assures fast load transient response and the
embedded voltage feed-forward provides nearly
constant switching frequency operation.
An embedded integrator control loop
compensates the DC voltage error due to the
output ripple. The pulse skipping technique
increases efficiency for very light loads. Moreover,
a minimum switching frequency of 33kHz is
selectable in order to avoid audio noise issues.
The PM6685 provides a selectable switching
frequency, allowing either 200kHz/300kHz,
300kHz/400kHz, or 400kHz/500kHz operation of
the 5V/3.3V switching sections.
VFQFPN-32 (5mm x 5mm)
Table 1.
Device summary
Order code
Package
Packaging
PM6685
VFQFPN-32 (5mm x 5mm)
Tube
PM6685TR
VFQFPN-32 (5mm x 5mm)
Tape and Reel
www.st.com


Similar Part No. - PM6685TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6685 STMICROELECTRONICS-PM6685 Datasheet
889Kb / 16P
DUAL STEP-DOWN CONTROLLER WITH AUXILARY VOLTAGES FOR NOTEBOOK SYSTEM POWER
23-Sep-2005
More results

Similar Description - PM6685TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51020 TI-TPS51020 Datasheet
558Kb / 27P
DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
logo
STMicroelectronics
PM6685 STMICROELECTRONICS-PM6685 Datasheet
889Kb / 16P
DUAL STEP-DOWN CONTROLLER WITH AUXILARY VOLTAGES FOR NOTEBOOK SYSTEM POWER
23-Sep-2005
PM6680 STMICROELECTRONICS-PM6680 Datasheet
2Mb / 49P
No Rsense dual step-down controller with adjustable voltages for notebook system power
28-Aug-2007
PM6680 STMICROELECTRONICS-PM6680_08 Datasheet
2Mb / 49P
No Rsense dual step-down controller with adjustable voltages for notebook system power
21-Jan-2008
logo
Richtek Technology Corp...
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
April 2011
logo
STMicroelectronics
PM6686TR STMICROELECTRONICS-PM6686TR Datasheet
1Mb / 50P
Dual step-down controller with adjustable voltages, adjustable LDO and auxiliary charge pump controller for notebook
23-Jul-2009
AN2829 STMICROELECTRONICS-AN2829 Datasheet
2Mb / 32P
Dual step-down controller with auxilary voltages
25-Feb-2009
AN2833 STMICROELECTRONICS-AN2833 Datasheet
2Mb / 32P
Dual step-down controller with auxiliary voltages for industrial system power
24-Feb-2009
logo
Texas Instruments
TPS51120 TI-TPS51120_15 Datasheet
1Mb / 41P
TPS51120 Dual, Synchronous Step-Down Controller With 100-mA Standby Regulators for Notebook System Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com