Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6685TR Datasheet(PDF) 47 Page - STMicroelectronics

Part # PM6685TR
Description  Dual step-down main supply controller with auxilary voltages for notebook system power
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685TR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button PM6685TR Datasheet HTML 43Page - STMicroelectronics PM6685TR Datasheet HTML 44Page - STMicroelectronics PM6685TR Datasheet HTML 45Page - STMicroelectronics PM6685TR Datasheet HTML 46Page - STMicroelectronics PM6685TR Datasheet HTML 47Page - STMicroelectronics PM6685TR Datasheet HTML 48Page - STMicroelectronics PM6685TR Datasheet HTML 49Page - STMicroelectronics PM6685TR Datasheet HTML 50Page - STMicroelectronics PM6685TR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
PM6685
Design example
47/52
10.5
Input capacitor
Maximum input capacitor RMS current is about 3.4A. Then ICinRMS > 3.4A
We put three 10uF ceramic capacitors with Irms = 1.5A.
10.6
Synchronous rectifier
OUT5: Schottky diode STPS1L30M
OUT3: Schottky diode STPS1L30M
10.7
Integrator loop
(Refer to Figure 30 on page 24)
OUT5: The ripple is greater than 30mV, then the virtual ESR network is not required.
CINT =1nF; Cfilt = 47pF; RINT = 1KΩ
OUT3: The ripple is greater than 30mV, then the virtual ESR network is not required.
CINT =1nF; Cfilt = 47pF; RINT = 1KΩ
10.8
Layout guidelines
The layout is very important in terms of efficiency, stability and noise of the system. It is
possible to refer to the PM6685 demoboard for a complete layout example.
For good PC board layout follows these guidelines:
●
Place on the top side all the power components (inductors, input and output capacitors,
MOSFETs and diodes). Refer them to a power ground plan, PGND. If possible, reserve
a layer to PGND plan. The PGND plan is the same for both the switching sections.
●
AC current paths layout is very critical (see Figure 41 on page 48). The first priority is to
minimize their length. Trace the LS MOSFET connection to PGND plan as short as
possible. Place the synchronous diode D near the LS MOSFET. Connect the LS
MOSFET drain to the switching node with a short trace.
●
Place input capacitors near HS MOSFET drain. It is recommended to use the same
input voltage plan for both the switching sections, in order to put together all input
capacitors.
●
Place all the sensitive analog signals (feedbacks, voltage reference, current sense
paths) on the bottom side of the board or in an inner layer. Isolate them from the power
top side with a signal ground layer, SGND. Connect the SGND and PGND plans only in
one point (a multiple vias connection is preferable to a 0 ohm resistor connection) near
the PGND device pin. Place the device on the top or on the bottom size and connect
the exposed pad and the SGND pins to the SGND plan (see Figure 41 on page 48).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com