Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6685TR Datasheet(PDF) 48 Page - STMicroelectronics

Part # PM6685TR
Description  Dual step-down main supply controller with auxilary voltages for notebook system power
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685TR Datasheet(HTML) 48 Page - STMicroelectronics

Back Button PM6685TR Datasheet HTML 44Page - STMicroelectronics PM6685TR Datasheet HTML 45Page - STMicroelectronics PM6685TR Datasheet HTML 46Page - STMicroelectronics PM6685TR Datasheet HTML 47Page - STMicroelectronics PM6685TR Datasheet HTML 48Page - STMicroelectronics PM6685TR Datasheet HTML 49Page - STMicroelectronics PM6685TR Datasheet HTML 50Page - STMicroelectronics PM6685TR Datasheet HTML 51Page - STMicroelectronics PM6685TR Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
Design example
PM6685
48/52
Figure 41. Current paths, ground connection and driver traces layout
●
As general rule, make the high side and low side drivers traces wide and short.
The high side driver is powered by the bootstrap circuit. It’s very important to place
capacitor CBOOT and diode DBOOT as near as possible to the HGATE pin (for
example on the layer opposite to the device). Route HGATE and PHASE traces as near
as possible in order to minimize the area between them.
The Low side gate driver is powered by the 5V linear regulator output. Placing PGND
and LGATE pins near the low side MOSFETs reduces the length of the traces and the
crosstalk noise between the two sections.
●
The linear regulator outputs are referred to SGND as long as the reference voltage
Vref. Place their output filtering capacitors as near as possible to the device.
●
Place input filtering capacitors near VCC and VIN pins.
●
It would be better if the feedback networks connected to COMP and OUT pins are
“referred” to SGND in the same point as reference voltage Vref. To avoid capacitive
coupling place these traces as far as possible from the gate drivers and phase
(switching) paths.
●
Place the current sense traces on the bottom side. Use a dedicated connection
between the switching node and the current limit resistor RCSENSE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com