Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFL7913A Datasheet(PDF) 7 Page - STMicroelectronics

Part # RHFL7913A
Description  Rad-hard adjustable negative voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL7913A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RHFL7913A Datasheet HTML 3Page - STMicroelectronics RHFL7913A Datasheet HTML 4Page - STMicroelectronics RHFL7913A Datasheet HTML 5Page - STMicroelectronics RHFL7913A Datasheet HTML 6Page - STMicroelectronics RHFL7913A Datasheet HTML 7Page - STMicroelectronics RHFL7913A Datasheet HTML 8Page - STMicroelectronics RHFL7913A Datasheet HTML 9Page - STMicroelectronics RHFL7913A Datasheet HTML 10Page - STMicroelectronics RHFL7913A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
RHFL7913A
Electrical characteristics
7/19
VD
Dropout voltage
IO = 400mA VO =-2.5V to -9V, TJ = 25°C
-450
mV
IO = 400mA VO =-2.5V to -9V,
TJ = -55°C and +125°C
-500
IO = 1A VO =-2.5V to -9V, TJ = 25°C
-750
IO = 1A VO =-2.5V to -9V,
TJ = -55°C and +125°C
-800
IPLUS
(1)
VPLUS Current
VI = -5.5V, VPLUS = 5V, VINH = 5V,
TJ = 25°C
0.75
mA
VI= -5.5V, VPLUS = +5V, VINH = 5V
TJ = -55°C and +125°C
1
SVR (1)
Supply voltage
rejection
VI = VO – 2.5V, IO = 5mA, F = 120Hz
60
dB
VI = VO – 2.5V, IO= 5mA, F = 33kHz
20
tPLH
(1)
Inhibit propagation
delay
VINH < 0.8V, VPLUS = 5V, VI = VO -2.5V
IO = 400mA
20
µs
tPHL
(1)
Inhibit propagation
delay
VINH >2.3V, VPLUS = 5V, VI = VO -2.5V
IO = 400mA
100
VINH(ON)
Inhibit voltage
VI = -7V VPLUS= +5V IO = 5mA
TJ = -55°C to 125°C
0.8
V
VINH(OFF)
2.3
ISH
Shutdown input current VINH=5V
15
µA
VOCM
OCM pin voltage
Sinked IOCM = 10mA, active low
0.38
V
en
Output noise voltage
f = 10Hz to 100kHz IO = 5mA to 2A
40
µVrms
1.
These values are guaranteed by design. For each application it’s strongly recommended to comply with the maximum
current limit of the package used.
Table 5.
Electrical characteristics (continued)
(TJ = 25 °C, VI = VO+2.5 V, CI = CO = 1 µF, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com