Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFL7913A Datasheet(PDF) 5 Page - STMicroelectronics

Part # RHFL7913A
Description  Rad-hard adjustable negative voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL7913A Datasheet(HTML) 5 Page - STMicroelectronics

  RHFL7913A Datasheet HTML 1Page - STMicroelectronics RHFL7913A Datasheet HTML 2Page - STMicroelectronics RHFL7913A Datasheet HTML 3Page - STMicroelectronics RHFL7913A Datasheet HTML 4Page - STMicroelectronics RHFL7913A Datasheet HTML 5Page - STMicroelectronics RHFL7913A Datasheet HTML 6Page - STMicroelectronics RHFL7913A Datasheet HTML 7Page - STMicroelectronics RHFL7913A Datasheet HTML 8Page - STMicroelectronics RHFL7913A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
RHFL7913A
Maximum ratings
5/19
3
Maximum ratings
Table 2.
Maximum operating ratings (1)
1.
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under
these conditions is not implied.
Symbol
Parameter
Value
Unit
VI
DC input voltage |VIN – VPLUS|
-12
V
VPLUS
Logical block supply voltage V(+)-V(GND), unless grounded
+5
VI
DC voltage, VIN–GND, VPLUS= 0V
-12
VI
DC voltage, VIN–GND, VPLUS=+3V
-9
VO
DC output voltage range
-9 to -1.20
IOUT
Output current
RHFL7913KPA
2
A
RHFL7913SCA
3
PD
TC = 25 °C power dissipation
RHFL7913KPA
15
W
RHFL7913SCA
15
TSTG
Storage temperature range
-65 to +150
°C
TOP
Operating junction temperature range
-55 to +150
ESD
Electrostatic discharge capability
Class 3
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case, FLAT-16 and SMD5C
8.3
°C/W
TSOLD
Maximum soldering temperature, 10 sec.
300
°C
Table 4.
Recommended operating conditions
Symbol
Parameter
Value
Unit
VI
Input voltage range VI (at VPLUS= 0V)
-12 to -1.3
V
VPLUS
Positive supply range
0 to +3
V
VO
Output voltage range
VPLUS=0V, VI= -12 to -3.7V
-9.5 to -1.2
V
VPLUS=+3V, VI= -9 to -3.7V
-6.5 to -1.2
V
TA
Ambient operating temperature range
-55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com