Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFL7913A Datasheet(PDF) 17 Page - STMicroelectronics

Part # RHFL7913A
Description  Rad-hard adjustable negative voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL7913A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button RHFL7913A Datasheet HTML 11Page - STMicroelectronics RHFL7913A Datasheet HTML 12Page - STMicroelectronics RHFL7913A Datasheet HTML 13Page - STMicroelectronics RHFL7913A Datasheet HTML 14Page - STMicroelectronics RHFL7913A Datasheet HTML 15Page - STMicroelectronics RHFL7913A Datasheet HTML 16Page - STMicroelectronics RHFL7913A Datasheet HTML 17Page - STMicroelectronics RHFL7913A Datasheet HTML 18Page - STMicroelectronics RHFL7913A Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
RHFL7913A
Order codes
17/19
10
Order codes
Note:
EM1: Engineering parts, full temperature range, flight packages, no burn-in
EM2: Same as above but with burn-in, used in Satellite EQMs
Table 6.
Order codes
Die
FLAT-16
SMD5C
Terminal
finish
Quality level
RHFL7913KPA1
GOLD
EM1
RHFL7913KPA2
GOLD
EM2= EM1 + 48hours BI
RHFL7913KPA-01V
GOLD
QML-V
RHFL7913KPA-02V
SOLDER
QML-V
RHFL7913SCA1
GOLD
EM1
RHFL7913SCA2
GOLD
EM2= EM1 + 48hours BI
RHFL7913SCA-03V
GOLD
L7913ADIE2S
EM1 die
L7913ADIE2V
QML-V
Table 7.
Part number - SMD equivalent
ST part number
SMD part number
RHFL7913KPA-01V
5962F0253201VXC
RHFL7913KPA-02V
5962F0253201VXA
RHFL7913SCA-03V
5962F0253202VYC
L7913ADIE2V
5962F0253201V9A
Table 8.
Environmental characteristics
Parameter
Conditions
Value
Unit
Output voltage thermal drift
-55 °C to +125 °C
40
ppm/°C
Output voltage radiation drift
From 0 kRad to 300k Rad at 0.55rd/sec
8
ppm/krad
Output voltage radiation drift
From 0 kRad to 300 kRad, MIL1019.5
6
ppm/krad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com