Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR4E02 Datasheet(PDF) 39 Page - Lattice Semiconductor

Part # OR4E02
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4E02 Datasheet(HTML) 39 Page - Lattice Semiconductor

Back Button OR4E02 Datasheet HTML 35Page - Lattice Semiconductor OR4E02 Datasheet HTML 36Page - Lattice Semiconductor OR4E02 Datasheet HTML 37Page - Lattice Semiconductor OR4E02 Datasheet HTML 38Page - Lattice Semiconductor OR4E02 Datasheet HTML 39Page - Lattice Semiconductor OR4E02 Datasheet HTML 40Page - Lattice Semiconductor OR4E02 Datasheet HTML 41Page - Lattice Semiconductor OR4E02 Datasheet HTML 42Page - Lattice Semiconductor OR4E02 Datasheet HTML 43Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 152 page
background image
Data Sheet
May, 2006
Lattice Semiconductor
39
ORCA Series 4 FPGAs
Programmable Input/Output Cells
(continued)
0204(F).
Figure 24. PIO Shift Register
PIO
PIO
PIO
PIO
SHIFT REGISTER
OUT FROM FPGA
SHIFT REGISTER
INTO FPGA
CLK
Special Function Blocks
Special function blocks in the Series 4 provide extra
capabilities beyond general FPGA operation. These
blocks reside in the corners and MIDs (middle inter-
quad areas) of the FPGA array.
Internal Oscillator
The internal oscillator resides in the upper left corner of
the FPGA array. It has output clock frequencies of
1.25 MHz and 10 MHz. The internal oscillator is the
source of the internal CCLK used for configuration. It
may also be used after configuration as a general-
purpose clock signal.
Global Set/Reset (GSRN)
The GSRN logic resides in the upper-left corner of the
FPGA. GSRN is an invertible, default, active-low signal
that is used to reset all of the user-accessible latches/
FFs on the device. GSRN is automatically asserted at
powerup and during configuration of the device.
The timing of the release of GSRN at the end of config-
uration can be programmed in the start-up logic
described below. Following configuration, GSRN may
be connected to the RESET pin via dedicated routing, or
it may be connected to any signal via normal routing.
GSRN can also be controlled via a system bus register
command. Within each PFU and PIO, individual FFs
and latches can be programmed to either be set or
reset when GSRN is asserted. Series 4 allows individ-
ual PFUs and PIOs to turn off the GSRN signal to its
latches/FFs after configuration.
The RESET input pad has a special relationship to
GSRN. During configuration, the RESET input pad
always initiates a configuration abort, as described in
the FPGA States of Operation section. After configura-
tion, the GSRN can either be disabled (the default),
directly connected to the RESET input pad, or sourced
by a lower-right corner signal. If the RESET input pad is
not used as a global reset after configuration, this pad
can be used as a normal input pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com