Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR4E02 Datasheet(PDF) 86 Page - Lattice Semiconductor

Part # OR4E02
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4E02 Datasheet(HTML) 86 Page - Lattice Semiconductor

Back Button OR4E02 Datasheet HTML 82Page - Lattice Semiconductor OR4E02 Datasheet HTML 83Page - Lattice Semiconductor OR4E02 Datasheet HTML 84Page - Lattice Semiconductor OR4E02 Datasheet HTML 85Page - Lattice Semiconductor OR4E02 Datasheet HTML 86Page - Lattice Semiconductor OR4E02 Datasheet HTML 87Page - Lattice Semiconductor OR4E02 Datasheet HTML 88Page - Lattice Semiconductor OR4E02 Datasheet HTML 89Page - Lattice Semiconductor OR4E02 Datasheet HTML 90Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 152 page
background image
86
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Timing Characteristics (continued) 
Table 47. Primary CLK (PCLK) to Output Delay without on-chip PLLs (Pin-to-Pin) 
OR4Exx commercial: VDD15 = 1.425 V to 1.575 V, VDD33 = 3.0 V to 3.6 V, VDDIO = 3.0 V to 3.6 V, –40 °C < TJ < +85 °C; CL = 30 p.
OR4Exx industrial: VDD15 = 1.425 V to 1.575 V, VDD33 = 3.0 V to 3.6 V, VDDIO = 3.0 V to 3.6 V, –40 °C < TJ < +100 °C; CL = 30 p.
Notes: 
1. Timing is without the use of the phase-locked loops (PLLs).
2. This clock delay is for a fully routed clock tree that uses the primary clock network. It includes both the LVTTL (3.3 V) input clock buffer delay, 
the clock routing to the PIO CLK input, the clock→Q of the FF, and the delay through the LVTTL (3.3 V) data output buffer. The PCLK input 
clock is connected at the semi-dedicated primary clock input pins.
3. For timing improvements using other I/O buffer types for the input clock buffer or output data buffer, see Table 53 and Table 55.
5-4846(F).b
Figure 48. Primary Clock to Output Delay
Table 48. Primary CLK (PCLK) to Output Delay using on-chip PLLs (Pin-to-Pin) 
OR4Exx commercial: VDD15 = 1.425 V to 1.575 V, VDD33 = 3.0 V to 3.6 V, VDDIO = 3.0 V to 3.6 V, –40 °C < TJ < +85 °C;
CL = 30 p.
OR4Exx industrial: VDD15 = 1.425 V to 1.575 V, VDD33 = 3.0 V to 3.6 V, VDDIO = 3.0 V to 3.6 V, –40 °C < TJ < +100 °C;
CL = 30 p.
Notes: 
1. Timing uses the automatic delay compensation mode of the PLLs. The feedback to the PLL is provided by the global system clock routing. 
Other delay values are possible by using the phase modifications mode of the PLL instead.
2. This clock delay is for a fully routed clock tree that uses the primary clock network. It includes both the LVTTL (3.3 V) input clock buffer delay, 
a PLL block, the clock routing to the PIO CLK input, the clock→Q of the FF, and the delay through the LVTTL (3.3 V) data output buffer. The 
PCLK input clock is connected at the semi-dedicated PLL input pin.
3. For timing improvements using other I/O buffer types for the input clock buffer or output data buffer, see Table 53 and Table 55.
Description
Device 
Speed
Unit
-1
-2
-3
Min
Max
Min
Max
Min
Max
PCLK Input Pin →OUTPUT Pin (LVTTL-12 mA Fast)
OR4E02
OR4E04
OR4E06
—
—
—
9.00
9.24
9.42
—
—
—
8.03
8.23
8.41
—
—
—
7.28
7.46
7.62
ns
ns
ns
Description
Device 
Speed
Unit
-1
-2
-3
Min
Max
Min
Max
Min
Max
PCLK Input Pin →OUTPUT Pin (LVTTL-12 mA Fast)
OR4E02
OR4E04
OR4E06
—
—
—
5.53
5.54
5.53
—
—
—
5.00
5.00
5.00
—
—
—
4.54
4.55
4.54
ns
ns
ns
PLL Delay Adjustments from Cycle Stealing (used to 
reduce clk->out by the min delay value shown):
One Delay Cell
Two Delay Cells
Three Delay Cells
All
All
All
—
—
—
0.89
1.64
2.43
—
—
—
0.70
1.29
1.98
—
—
—
0.64
1.18
1.80
ns
ns
ns
OUTPUT (30 pF LOAD)
Q
D
PCLK
PIO FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com