Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR4E02 Datasheet(PDF) 21 Page - Lattice Semiconductor

Part # OR4E02
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4E02 Datasheet(HTML) 21 Page - Lattice Semiconductor

Back Button OR4E02 Datasheet HTML 17Page - Lattice Semiconductor OR4E02 Datasheet HTML 18Page - Lattice Semiconductor OR4E02 Datasheet HTML 19Page - Lattice Semiconductor OR4E02 Datasheet HTML 20Page - Lattice Semiconductor OR4E02 Datasheet HTML 21Page - Lattice Semiconductor OR4E02 Datasheet HTML 22Page - Lattice Semiconductor OR4E02 Datasheet HTML 23Page - Lattice Semiconductor OR4E02 Datasheet HTML 24Page - Lattice Semiconductor OR4E02 Datasheet HTML 25Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 152 page
background image
Lattice Semiconductor
21
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Programmable Logic Cells (continued)
As discussed in the memory mode section, if the SLIC
is placed into one of the modes where it contains both
buffers and a decode or AOI function (e.g.,
BUF_BUF_DEC mode), the DEC output can be gated
with the 3-state input signal. This allows up to a 6-input
decode (e.g., BUF_DEC_DEC mode) plus the 3-state
input to control the enable/disable of up to four buffers
per SLIC Figure 15—Figure 19 show several configura-
tions of the SLIC, while Table 5 shows all of the possi-
ble modes.
Table 5. SLIC Modes
5-5744(F).a.
Figure 14. SLIC All Modes Diagram
Mode
No.
Mode
BUF
[3:0]
BUF
[7:4]
BUF
[9:8]
1
BUFFER
Buffer
Buffer
Buffer
2
BUF_BUF_DEC
Buffer
Buffer
Decoder
3
BUF_DEC_BUF
Buffer
Decoder
Buffer
4
BUF_DEC_DEC
Buffer
Decoder Decoder
5
DEC_BUF_BUF Decoder
Buffer
Buffer
6
DEC_BUF_DEC
Decoder
Buffer
Decoder
7
DEC_DEC_BUF
Decoder Decoder
Buffer
8
DECODER
Decoder Decoder Decoder
SIN9
I9
SOUT09
DEC
DEC
0/1
0/1
TRI
0/1
0/1
SOUT08
SOUT07
SOUT06
SOUT05
SOUT04
SOUT03
SOUT02
SOUT01
SOUT00
LOGIC 1 OR 0
SIN8
I8
LOGIC 1 OR 0
SIN7
I7
LOGIC 1 OR 0
SIN6
I6
LOGIC 1 OR 0
SIN5
I5
LOGIC 1 OR 0
SIN4
I4
LOGIC 1 OR 0
SIN3
I3
LOGIC 1 OR 0
SIN2
I2
LOGIC 1 OR 0
SIN1
I1
LOGIC 1 OR 0
SIN0
I0
LOGIC 1 OR 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com