Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ORSPI4 Datasheet(PDF) 103 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 103 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 99Page - Lattice Semiconductor ORSPI4 Datasheet HTML 100Page - Lattice Semiconductor ORSPI4 Datasheet HTML 101Page - Lattice Semiconductor ORSPI4 Datasheet HTML 102Page - Lattice Semiconductor ORSPI4 Datasheet HTML 103Page - Lattice Semiconductor ORSPI4 Datasheet HTML 104Page - Lattice Semiconductor ORSPI4 Datasheet HTML 105Page - Lattice Semiconductor ORSPI4 Datasheet HTML 106Page - Lattice Semiconductor ORSPI4 Datasheet HTML 107Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
103
SERDES Functional Description
The SERDES portion of the ORSPI4 contains four Clock and Data Recovery (CDR) macrocells and Serial-
ize/Deserialize (SERDES) blocks and supports 8b/10b (IEEE 802.3.2002) encoded serial links. It is intended for
high-speed serial backplane data transmission. Figure 47 shows the SERDES top level block diagram and the
basic data flow to and from the SERDES. Boundary scan for the SERDES only includes programmable I/Os and
does not include any of the embedded block I/Os.
Figure 47. SERDES Top Level Block Diagram.
The SERDES serial channels can each operate at up to 3.7 Gbits/s (2.96 Gbits/s data rate) with a full-duplex syn-
chronous interface with built-in clock recovery (CDR). The 8b/10b encoding provides guaranteed ones density for
the CDR, byte alignment, and error detection. The core is also capable of frame synchronization and physical link
monitoring. Overviews of the various blocks in the SERDES are presented in the following paragraphs
ORSPI4 SERDES Functional Block Overview
The SERDES portion of the core contains one transceiver block for serial data transmission at a selectable data
rate of 0.6-3.7 Gbits/s. Each SERDES channel features high-speed 8b/10b parallel I/O interfaces to other core
blocks and high-speed CML interfaces to the serial links.
The SERDES circuitry consists of receiver, transmitter, and auxiliary functional blocks. The receiver accepts high-
speed (up to 3.7 Gbits/s) serial data. Based on data transitions, the receiver locks an analog receive PLL for each
channel to retime the data, then de-multiplexes the data down to parallel bytes and an accompanying clock.
The transmitter operates in the reverse direction. Parallel bytes are multiplexed up to 3.7 Gbits/s serial data for off-
chip communication. The transmitter generates the necessary high-speed clocks for operation from a lower speed
reference clock.
The transceivers are controlled and configured through the system bus in the FPGA logic and through the external
8-bit microprocessor interface of the FPGA. Each channel has associated dedicated registers that are readable
and write-able. There are also global registers for control of common circuitry and functions.
The SERDES performs 8b/10b encoding and decoding for each channel. The 8b/10b transmission code can sup-
port either Ethernet or Fibre Channel specifications for serial encoding/decoding, special characters, and error
detection.
The user can disable the 8b/10b decoder to receive raw 10-bit words which will be rate reduced by the SERDES. If
this mode is chosen, the user must bypass the multi-channel alignment FIFOs.
SERDES w/
CLOCK/DATA
BYTE-
WIDE
DATA
8b/10b
DECODER/ENCODER
4 FULL-
0.6 Gbits/s
DATA
DUPLEX
SERIAL
CHANNELS
TO
3.7 Gbits/s
0.6 Gbits/s
DATA
TO
3.7 Gbits/s
CML
I/Os
ORCA
SERIES 4
FPGA LOGIC
STANDARD
FPGA I/Os
4:1 MUX/1:4 DEMUX
RECOVERY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com