| Electronic Components Datasheet Search |
|
ORSPI4 Datasheet(PDF) 107 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ORSPI4 Datasheet(HTML) 107 Page - Lattice Semiconductor |
|
107 / 263 page ![]() Lattice Semiconductor ORCA ORSPI4 Data Sheet 107 iting word boundaries. The special characters K28.1, K28.5 and K28.7 contain this comma sequence and are treated as valid comma characters by the SERDES. The following table shows all of the valid special characters. All of the special characters are made available to the FPGA logic; however only the comma characters are used by the SERDES logic. The different codings that are possible for each data value are shown as encoded word (+) and encoded word (-). The table also illustrates the 8b/10b bit labeling convention. The bit positions of the 8-bit characters are labeled as H,G,F,E,D,C,B and A and the bit positions of the 10-bit encoded characters are labeled as a, b, c, d, e, i, f, g, h, and j. The encoded words are transmitted serially with bit 'a' transmitted first and bit 'j' transmitted last. Transmit Path (FPGA to Backplane) Logic The transmitter section accepts four groups of either 8-bit unencoded data or 10-bit encoded data at the parallel interface to the FPGA logic. It also uses the reference clock, REFCLK[P:N] to synthesize an internal high-speed serial bit clock. The serialized transmitted data are available at the differential CML output pins to drive either an optical transmitter, coaxial media or a circuit board backplane. As shown in Figure 49, the basic blocks in the transmit path include: SERDES/FPGA Interface and 4:1 Multiplexer • Low speed parallel core/FPGA interface • 4:1 multiplexer Transmit SERDES • 8b/10b Encoder • 10:1 Multiplexer • CML Output Buffer Detailed descriptions of the logic blocks are given in following sections. Detailed descriptions of transmit clock dis- tribution, including the transmit PLL are given in later sections of this data sheet. Table 27. Valid Special Characters K Character HGF EDCBA 765 43210 K Control Encoded Word (–) Encoded Word (+) abcdei fghj abcdei fghj K28.0 000 11100 1 001111 0100 110000 1011 K28.1 /comma/ 001 11100 1 001111 1001 110000 0110 K28.2 010 11100 1 001111 0101 110000 1010 K28.3 /A/ 011 11100 1 001111 0011 110000 1100 K28.4 100 11100 1 001111 0010 110000 1101 K28.5 /comma/ 101 11100 1 001111 1010 110000 0101 K28.6 110 11100 1 001111 0110 110000 1001 K28.7 /comma/ 111 11100 1 001111 1000 110000 0111 K23.7 111 10111 1 111010 1000 000101 0111 K27.7 111 11011 1 110110 1000 001001 0111 K29.7 111 11101 1 101110 1000 010001 0111 K30.7 111 11110 1 011110 1000 100001 0111 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |