Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA309A Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA309A
Description  Multi-channel digital audio processor with DDX
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA309A Datasheet HTML 11Page - STMicroelectronics STA309A Datasheet HTML 12Page - STMicroelectronics STA309A Datasheet HTML 13Page - STMicroelectronics STA309A Datasheet HTML 14Page - STMicroelectronics STA309A Datasheet HTML 15Page - STMicroelectronics STA309A Datasheet HTML 16Page - STMicroelectronics STA309A Datasheet HTML 17Page - STMicroelectronics STA309A Datasheet HTML 18Page - STMicroelectronics STA309A Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
STA309A
Pin description
15/67
4
Pin description
Master volume override (MVO)
This pin enables the user to bypass the volume control on all channels. When MVO is pulled
high, the master volume register is set to 0x00, which corresponds to its full scale setting.
The master volume register setting offsets the individual channel volume settings, which
default to 0 dB.
Serial data in (SDI_12, SDI_34, SDI_56, SDI_78)
Audio information enters the device here. Six format choices are available including I2S,
left- or right-justified, LSB or MSB first, with word widths of 16, 18, 20 and 24 bits.
RESET
Driving this pin low turns off the outputs and returns all settings to their defaults.
I2C bus
The SA, SDA and SCL pins operate per the Phillips I2C specification. See Section 5.
Phase locked loop (PLL)
The phase locked loop section provides the system timing signals and CKOUT.
Clock output (CKOUT)
System synchronization and master clocks are provided by the CKOUT.
PWM outputs (OUT1 through OUT8)
The PWM outputs provide the input signal for the power devices.
External amplifier power-down (EAPD)
This signal can be used to control the power-down of DDX power devices.
Serial data out (SDO_12, SDO_34, SDO_56, SDO_78)
These are the outputs for audio information. Six different formats are available including I2S,
left- or right-justified, LSB or MSB first, with word widths of 16, 18, 20 and 24 bits.
Device power-down (PWDN)
Pulling PWDN low begins the power-down sequence which puts the STA309A into a
low-power state. EAPD (pin 51) goes low approximately 30 ms later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com